Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM30KPA58CAN Fiches technique(PDF) 5 Page - Protek Devices

No de pièce SM30KPA58CAN
Description  30kW SURFACE MOUNT POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM30KPA58CAN Fiches technique(HTML) 5 Page - Protek Devices

  SM30KPA58CAN Datasheet HTML 1Page - Protek Devices SM30KPA58CAN Datasheet HTML 2Page - Protek Devices SM30KPA58CAN Datasheet HTML 3Page - Protek Devices SM30KPA58CAN Datasheet HTML 4Page - Protek Devices SM30KPA58CAN Datasheet HTML 5Page - Protek Devices SM30KPA58CAN Datasheet HTML 6Page - Protek Devices SM30KPA58CAN Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05435.R10 2/16
Page 5
SM30KPA30AN - SM30KPA320CAN
PACKAGE INFORMATION
PACKAGE OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
7.75
8.26
0.305
0.325
B
11.40
11.50
0.449
0.453
C
1.75
1.85
0.069
0.073
D
2.55
2.79
0.100
0.110
E
13.95
14.45
0.549
0.589
G
0.46
0.56
0.018
0.022
J
4.30
5.45
0.169
0.215
K
15.50
17.02
0.610
0.670
M
0.46
0.56
0.018
0.022
N
5.81
5.97
0.229
0.235
A
C
D
E
N
G
K
M
TOP VIEW
SIDE VIEW
ANODE
CATHODE
RTCA DO-160G COMPLIANT PRODUCT


Numéro de pièce similaire - SM30KPA58CAN

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM30KPA58CA PROTEC-SM30KPA58CA Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
More results

Description similaire - SM30KPA58CAN

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com