Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM30KPA30CA Fiches technique(PDF) 5 Page - Protek Devices

No de pièce SM30KPA30CA
Description  30kW SURFACE MOUNT POWER TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM30KPA30CA Fiches technique(HTML) 5 Page - Protek Devices

  SM30KPA30CA Datasheet HTML 1Page - Protek Devices SM30KPA30CA Datasheet HTML 2Page - Protek Devices SM30KPA30CA Datasheet HTML 3Page - Protek Devices SM30KPA30CA Datasheet HTML 4Page - Protek Devices SM30KPA30CA Datasheet HTML 5Page - Protek Devices SM30KPA30CA Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05294.R0 12/15
Page 5
SM30KPA30A - SM30KPA75A
SMD-30 PACKAGE INFORMATION
SOLDER PAD OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
11.75
11.85
0.462
0.467
D
10.25
10.35
0.403
0.407
E
8.15
8.25
0.321
0.325
G
2.95
3.05
0.116
0.120
J
8.15
8.25
0.321
0.325
L
2.95
3.05
0.116
0.120
N
1.85
1.95
0.073
0.077
P
4.85
4.95
0.191
0.195
R
6.05
6.15
0.238
0.242
Z
2.55
2.65
0.100
0.104
SOLDER PRINT OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
5.75
5.85
0.226
0.230
B
5.75
5.85
0.226
0.230
C
1.45
1.55
0.057
0.061
D
0.45
0.55
0.018
0.022
E
6.95
7.05
0.274
0.278
F
6.05
6.15
0.238
0.242
G
2.45
2.55
0.096
1.00
R
P
J
G
D
E
A
L
N
E
F
G
A
C
B
D
Suggested Solder Print
Suggested Solder Pad
Z
Z


Numéro de pièce similaire - SM30KPA30CA

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM30KPA30CAN PROTEC-SM30KPA30CAN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
More results

Description similaire - SM30KPA30CA

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM30KPA30AN PROTEC-SM30KPA30AN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com