Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS33002-M018QFNR Fiches technique(PDF) 10 Page - Semtech Corporation

No de pièce TS33002-M018QFNR
Description  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33002-M018QFNR Fiches technique(HTML) 10 Page - Semtech Corporation

Back Button TS33002-M018QFNR Datasheet HTML 6Page - Semtech Corporation TS33002-M018QFNR Datasheet HTML 7Page - Semtech Corporation TS33002-M018QFNR Datasheet HTML 8Page - Semtech Corporation TS33002-M018QFNR Datasheet HTML 9Page - Semtech Corporation TS33002-M018QFNR Datasheet HTML 10Page - Semtech Corporation TS33002-M018QFNR Datasheet HTML 11Page - Semtech Corporation TS33002-M018QFNR Datasheet HTML 12Page - Semtech Corporation TS33002-M018QFNR Datasheet HTML 13Page - Semtech Corporation TS33002-M018QFNR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
10 of 16
Semtech
Proprietary & Confidential
External Component Selection
The internal compensation is optimized for a 10uF output capacitor and a 1uH inductor. To keep the output ripple low, a low
ESR (less than 20mOhm) ceramic is recommended. For optimal over-current protection, inductor should be able to handle the
3.7A for the 3A version, 2.7A for the 2A version and 1.7A for the 1A version without saturation.
Application Using A Multi-Layer PCB
To maximize the efficiency of this package for application on a single layer or multi-layer PCB, certain guidelines must be followed
when laying out this part on the PCB.
The following are guidelines for mounting the exposed pad IC on a Multi-Layer PCB with ground a plane.
Solder Pad (Land Pattern)
Package Thermal Pad
Thermal Via's
Package Outline
Package and PCB Land Configuration
For a Multi-Layer PCB
JEDEC standard FR4 PCB Cross-section:
(square)
Package Solder Pad
Component Traces
4 Plane
2 Plane
1.5748mm
Thermal Via
1.5038 - 1.5748 mm
Component Trace
(2oz Cu)
1.0142 - 1.0502 mm
Ground Plane (1oz
Cu)
Thermal Isolation
Power plane only
Package Solder Pad
(bottom trace)
0.5246 - 0.5606 mm
Power Plane (1oz
Cu)
0.0 - 0.071 mm Board Base
& Bottom Pad
Multi-Layer Board (Cross-sectional View)
In a multi-layer board application, the thermal vias are the primary method of heat transfer from the package thermal pad to
the internal ground plane. The efficiency of this method depends on several factors, including die area, number of thermal vias,
thickness of copper, etc.


Numéro de pièce similaire - TS33002-M018QFNR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results

Description similaire - TS33002-M018QFNR

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com