Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS12001-C017 Fiches technique(PDF) 10 Page - Semtech Corporation

No de pièce TS12001-C017
Description  Battery Management Under-Voltage Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS12001-C017 Fiches technique(HTML) 10 Page - Semtech Corporation

Back Button TS12001-C017 Datasheet HTML 3Page - Semtech Corporation TS12001-C017 Datasheet HTML 4Page - Semtech Corporation TS12001-C017 Datasheet HTML 5Page - Semtech Corporation TS12001-C017 Datasheet HTML 6Page - Semtech Corporation TS12001-C017 Datasheet HTML 7Page - Semtech Corporation TS12001-C017 Datasheet HTML 8Page - Semtech Corporation TS12001-C017 Datasheet HTML 9Page - Semtech Corporation TS12001-C017 Datasheet HTML 10Page - Semtech Corporation TS12001-C017 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS12001
Final Datasheet
Rev 1.3
April 30, 2015
www.semtech.com
10 of 11
Semtech
Ordering Information
TS12001-CvvvDFNR
Part Number
Description
vvv
Threshold Voltage (V
THRESH)*
017
1.7 V
021
2.1 V
023
2.3 V
024
2.4 V
025
2.5 V
026
2.6 V
028
2.8 V
030
3.0 V
* Custom values also available (1.2V - 4.2V typical in 100mV
increments)
RoHS and Reach Compliance
Triune Systems is fully committed to environmental quality.
All Triune Systems materials and suppliers are fully compliant
with RoHS (European Union Directive 2011/65/EU), REACH
SVHC Chemical Restrictions (EC 1907/2006), IPC-1752 Level
3 materials declarations, and their subsequent amendments.
Triune Systems maintains certified laboratory reports for
all product materials, from all suppliers, which show full
compliance to restrictions on the following:
Cadmium (Cd)
Chlorofluorocarbons (CFCs)
Chlorinate Hydrocarbons (CHCs)
Halons (Halogen free)
Hexavalent Chromium (CrVI)
Hydrobromofluorocarbons (HBFCs)
Hydrochlorofluorocarbons (HCFCs)
Lead (Pb)
Mercury (Hg)
Perfluorocarbons (PFCs)
Polybrominated biphenyls (PBB)
Polybrominated Diphenyl Ethers (PBDEs)


Numéro de pièce similaire - TS12001-C017

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
TS12001ITD1022 SILABS-TS12001ITD1022 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Touchstone Semiconducto...
TS12001ITD1022T TOUCHSTONE-TS12001ITD1022T Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
More results

Description similaire - TS12001-C017

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
   Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
   Advanced Load Management Switch
July, 2023 - Rev. 4
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
   Advanced Load Management Switch
September 2016 Rev. 1.11
logo
Fairchild Semiconductor
FPF1107 FAIRCHILD-FPF1107 Datasheet
931Kb / 14P
   Advance Load Management Switch
FPF1103 FAIRCHILD-FPF1103 Datasheet
790Kb / 14P
   Advance Load Management Switch
FPF1504 FAIRCHILD-FPF1504 Datasheet
517Kb / 4P
   Advanced Load Management Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com