Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS2978 Fiches technique(PDF) 5 Page - Gennum Corporation

No de pièce GS2978
Description  Dual coaxial cable driving outputs with selectable slew rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2978 Fiches technique(HTML) 5 Page - Gennum Corporation

  GS2978 Datasheet HTML 1Page - Gennum Corporation GS2978 Datasheet HTML 2Page - Gennum Corporation GS2978 Datasheet HTML 3Page - Gennum Corporation GS2978 Datasheet HTML 4Page - Gennum Corporation GS2978 Datasheet HTML 5Page - Gennum Corporation GS2978 Datasheet HTML 6Page - Gennum Corporation GS2978 Datasheet HTML 7Page - Gennum Corporation GS2978 Datasheet HTML 8Page - Gennum Corporation GS2978 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
GS2978
HD-LINX® III Multi-Rate Dual Slew-Rate Cable Driver
Data Sheet
37186 - 7
March 2009
5 of 15
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
11,12
SDO, SDO
Analog
Output
Serial digital differential output.
Center Pad
Power
Connect to most negative power supply plane following the
recommendations in Recommended PCB Footprint on page 12.
Table 1-1: Pin Descriptions
Pin Number
Name
Timing
Type
Description
Parameter
Value
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
4kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Solder Reflow Temperature
260°C
NOTE: Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions or at any other condition beyond those
indicated in the AC/DC Electrical Characteristic sections is not implied.
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5%; TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
3.135
3.3
3.465
V
Power Consumption
PD
TA = 25°C,
SDO/SDO enabled
168
180
mW
TA = 25°C,
SDO/SDO disabled
–96
mW
Supply Current
Is
TA = 25°C,
SDO/SDO enabled
–51
mA
TA = 25°C,
SDO/SDO disabled
–29
mA
Output Voltage
VCMOUT
Common mode
VCC - VOUT
–V


Numéro de pièce similaire - GS2978

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
GS2978-CNE3 SEMTECH-GS2978-CNE3 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
GS2978-CNTE3Z SEMTECH-GS2978-CNTE3Z Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
GS2978-CTE3 SEMTECH-GS2978-CTE3 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results

Description similaire - GS2978

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com