Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS6152-INE3 Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce GS6152-INE3
Description  Multi-Rate 6G UHD-SDI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152-INE3 Fiches technique(HTML) 2 Page - Semtech Corporation

  GS6152-INE3 Datasheet HTML 1Page - Semtech Corporation GS6152-INE3 Datasheet HTML 2Page - Semtech Corporation GS6152-INE3 Datasheet HTML 3Page - Semtech Corporation GS6152-INE3 Datasheet HTML 4Page - Semtech Corporation GS6152-INE3 Datasheet HTML 5Page - Semtech Corporation GS6152-INE3 Datasheet HTML 6Page - Semtech Corporation GS6152-INE3 Datasheet HTML 7Page - Semtech Corporation GS6152-INE3 Datasheet HTML 8Page - Semtech Corporation GS6152-INE3 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
2 of 80
Semtech
Proprietary & Confidential
www.semtech.com
The device can operate without an external 27MHz
frequency reference. For applications which require rapid
signal lock, an external 27MHz reference may be used to set
the VCO frequency when not locked to the input signal. The
presence of an external reference crystal is automatically
detected by the device.
In systems that require passing of non-supported data
rates, the GS6152 can be configured to either automatically
or manually enter a bypass mode in order to pass the signal
without reclocking.
A four-wire serial Gennum Serial Peripheral Interface (GSPI)
facilitates configuration and status monitoring of the
device. Multiple GS6152 devices can be daisy-chained
together with a single 4-pin connection to the host system.
This device is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant. This
component and all homogenous sub-components are
RoHS compliant.
GS6152 Functional Block Diagram
GPIO0
DDI_SEL[1:0]/
STROBE
DDI3
DDI2
DDI1
DDI0
XTAL_CLK_IN
XTAL_CLK_OUT
XTAL_BUF_OUT
XTAL
Oscillator
Buffer
Phase Frequency
Detector
Phase Detector
Reference Divide
LOS
Detect
Control
Selectable Divide
Charge Pump
VCO
Retimer
Equalizer/
Data Mux
SPI
DDO0
DDO1
Data Buffer
LF+, LF–
Oscillator
DDO1
DDO0
DDI0
DDI1
DDI2
DDI3
GPIO1
GPIO2
GPIO3
Data
Buffer


Numéro de pièce similaire - GS6152-INE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

Description similaire - GS6152-INE3

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS6151 SEMTECH-GS6151 Datasheet
2Mb / 77P
   Multi-Rate 6G UHD-SDI
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com