Moteur de recherche de fiches techniques de composants électroniques |
|
TPIC2060A Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TPIC2060A Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 65 page 5 TPIC2060A www.ti.com SLIS166 – JULY 2015 Product Folder Links: TPIC2060A Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Pin Functions (continued) PIN I/O DESCRIPTION NAME NO. V 45 OUT V phase output terminal for spindle motor W 47 OUT W phase output terminal for spindle motor XFG 12 OUT Motor speed signal output, internally pulled up to SIOV XRSTIN 19 IN RESET input terminal to reset the driver IC (optional) (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) A lower RθJC is attainable if the exposed pad is connected to a large copper ground plane. RθJC and RθJA are values for 56-pin TSSOP without a exposed heat slug (HSL) on bottom. Actual thermal resistance would be better than the above values. 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature (unless otherwise noted) (1) MIN MAX UNIT 5-V supply voltage P5V 6 V 12-V supply voltage P12V 15 Load supply P5V12 voltage 15 Spindle output peak voltage 15 Spindle output current 2.5 A Spindle output peak current 、(PW ≤ 2 ms、Duty ≤ 30%) 3.5 Sled output peak current 1.0 Focus/tracking/tilt driver output peak current 1.0 Load driver output peak current 1.0 Input/output voltage –0.3 VCC + 0.3 V Power dissipation (2) 1344 mW Operating temperature –20 75 °C Lead temperature 1.6 mm from case for 10 s 260 Tstg Storage temperature –60 150 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±500 |
Numéro de pièce similaire - TPIC2060A |
|
Description similaire - TPIC2060A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |