Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF3708S Fiches technique(PDF) 1 Page - Kersemi Electronic Co., Ltd.

No de pièce IRF3708S
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF3708S Fiches technique(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF3708S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF3708S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF3708S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF3708S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF3708S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF3708S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF3708S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF3708S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF3708S Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SMPS MOSFET
l High Frequency DC-DC Isolated Converters
with Synchronous Rectification for Telecom
and Industrial Use
Benefits
Applications
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
30V
12m
62A
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
±12
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
62
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
52
A
IDM
Pulsed Drain Current

248
PD @TC = 25°C
Maximum Power Dissipation
ƒ
87
W
PD @TC = 70°C
Maximum Power Dissipation
ƒ
61
W
Linear Derating Factor
0.58
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994
D2Pak
IRF3708S
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.73
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)*
–––
40
l High Frequency Buck Converters for
Computer Processor Power
IRF3708S
2014-8-13
www.kersemi.com
1


Numéro de pièce similaire - IRF3708S

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3708S IRF-IRF3708S Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF3708S IRF-IRF3708S Datasheet
147Kb / 11P
   High Frequency Buck Converters for Computer Processor Power
IRF3708SPBF IRF-IRF3708SPBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF3708SPBF IRF-IRF3708SPBF Datasheet
283Kb / 11P
   High Frequency DC-DC Isolated Converters
IRF3708STRR IRF-IRF3708STRR Datasheet
147Kb / 11P
   High Frequency Buck Converters for Computer Processor Power
More results

Description similaire - IRF3708S

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com