Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLE66C324PE Fiches technique(PDF) 7 Page - Infineon Technologies AG

No de pièce SLE66C324PE
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C324PE Fiches technique(HTML) 7 Page - Infineon Technologies AG

  SLE66C324PE Datasheet HTML 1Page - Infineon Technologies AG SLE66C324PE Datasheet HTML 2Page - Infineon Technologies AG SLE66C324PE Datasheet HTML 3Page - Infineon Technologies AG SLE66C324PE Datasheet HTML 4Page - Infineon Technologies AG SLE66C324PE Datasheet HTML 5Page - Infineon Technologies AG SLE66C324PE Datasheet HTML 6Page - Infineon Technologies AG SLE66C324PE Datasheet HTML 7Page - Infineon Technologies AG SLE66C324PE Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SLE 66C324PE
Preliminary - Short Product Information
7 / 8
02.04
General Description
The SLE66C324PE is one member of the improved 66PE-series of Infineon Technologies. This high performance
security controller is manufactured in advanced 0.22 µm CMOS technology. It is downward compatible to existing 66P
controller derivatives. The well known ECO2000 8/16 bit CPU provides the high efficiency of the SAB 8051 instruction
set extended by additional powerful instructions together with enhanced performance, memory sizes and security
features compared to existing 66P derivatives.
Performance: The internal clock frequency can be adjusted to a level up to 33 MHz either as a multiple of 1,2,3,4 to the
external frequency or independent of the clock rate of the terminal with the help of the internal clock. It is adjustable
according to either available power requirements or required performance:
Increased internal clock frequency for maximum performance, e.g. for high performance with max. frequency in
payment applications.
Automatically adjusted frequency for a max. given power consumption, e.g. by GSM or UMTS requirements.
Memory: The SLE66C324PE offers 136 Kbytes of User-ROM, 256 byte internal RAM, 4096 byte XRAM and 32 Kbytes
MicroSlim-EEPROM, to fulfill the requirements of mainly standard GSM an SDA payment applications. The large ROM
size allows to place applications in the ROM-mask and to keep the E²PROM free for customer data. In addition it saves
mask development costs, as one mask may be used for different customer projects.
The enhanced Memory Management and Protection Unit allows a secure separation of the operating system and
different applications. It allows to separate the memories in application orientated segments, which can be controlled by
the OS. Furthermore, the MMU makes a secure downloading of applications possible even after personalization of a
card. These new features suit the requirements of the next generation of multi application operating systems.
DES
Accelerator
EEPROM
32 Kbyte
XRAM
2 Kbyte
ROM
136 Kbyte
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
two
16-bit
Timer
Interrupt
CRC
UART
Clock
generated
Random
Number
Generator
Figure 2: Block Diagram SLE 66C324PE
The new platform is designed to address up to 16Mbyte. However this feature is only available upon request and will
clearly require a change in the existing tool environment.
In addition, new instructions have been implemented in the design for an efficient direct access of physical memory
>64KByte up to16 MByte.
New


Numéro de pièce similaire - SLE66C324PE

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SLE66C320S INFINEON-SLE66C320S Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
SLE66C320S-M6 INFINEON-SLE66C320S-M6 Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
SLE66C320S-T85-C INFINEON-SLE66C320S-T85-C Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
SLE66C320S-T85-M6 INFINEON-SLE66C320S-T85-M6 Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
SLE66C320S-V5-C INFINEON-SLE66C320S-V5-C Datasheet
69Kb / 5P
   Security & Chip Card ICs SLE 66C320S
06.99
More results

Description similaire - SLE66C324PE

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com