Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLE55R08C Fiches technique(PDF) 8 Page - Infineon Technologies AG

No de pièce SLE55R08C
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE55R08C Fiches technique(HTML) 8 Page - Infineon Technologies AG

  SLE55R08C Datasheet HTML 1Page - Infineon Technologies AG SLE55R08C Datasheet HTML 2Page - Infineon Technologies AG SLE55R08C Datasheet HTML 3Page - Infineon Technologies AG SLE55R08C Datasheet HTML 4Page - Infineon Technologies AG SLE55R08C Datasheet HTML 5Page - Infineon Technologies AG SLE55R08C Datasheet HTML 6Page - Infineon Technologies AG SLE55R08C Datasheet HTML 7Page - Infineon Technologies AG SLE55R08C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SLE 55R08
Short Product Information
8 / 8
2001-01-31
Contactless Energy and Data Transfer
The operating distance between card and reader antenna is typically up to 10 cm. The card
antenna consists of a simple coil with a few turns embedded in plastic. Contactless cards are
passive. The high speed RF communication interface allows to exchange data with 106 kbit/s. This
high data transmission rate permits short transaction times.
An intelligent anticollision function allows to operate more than one card in the field simultaneously.
The anticollision algorithm selects each card individually and ensures that the execution of a
transaction with a selected card is performed correctly without data corruption resulting from other
cards.
Multi-Application Functionality
SLE 55R08 provides the possibility to use one large sector or several smaller ones with different
sizes.
Optionally, one sector can be opened without authentication to read e.g. additional card and issuer
information.
Thus, SLE 55R08 meets the need of low cost memory applications like public transport as well as
the more extensive needs of payment systems, which is also supported by the counter function.
Two different key sets for each memory sector support systems using key hierarchies.
High System Security
In the system design, special emphasis has been placed on security against fraud.
The serial number is unique for each card and can not be changed. Access to the protected
memory of the card is only possible after a mutual authentication (challenge/response) which is a
function of the unique serial number, random number and key to be used. Authentication is only
possible with a security access module, SAM, that holds the algorithm.
Therefore, for all operations on the protected memory, the SAM calculates and checks by a
message authentication code (MAC) the integrity of the transferred data. Thus, operations on the
protected memory are key protected, and restricted by page-configurable access conditions.


Numéro de pièce similaire - SLE55R08C

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SLE55R01 INFINEON-SLE55R01 Datasheet
496Kb / 8P
   Security & Chip Card ICs
2001-01-31
SLE55R01C INFINEON-SLE55R01C Datasheet
496Kb / 8P
   Security & Chip Card ICs
2001-01-31
SLE55R01LM INFINEON-SLE55R01LM Datasheet
496Kb / 8P
   Security & Chip Card ICs
2001-01-31
SLE55R04 INFINEON-SLE55R04 Datasheet
496Kb / 8P
   Security & Chip Card ICs
2001-01-31
SLE55R04C INFINEON-SLE55R04C Datasheet
496Kb / 8P
   Security & Chip Card ICs
2001-01-31
More results

Description similaire - SLE55R08C

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com