Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G241DCUTE4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce 74LVC2G241DCUTE4
Description  Dual Buffer and Driver With 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G241DCUTE4 Fiches technique(HTML) 2 Page - Texas Instruments

  74LVC2G241DCUTE4 Datasheet HTML 1Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 2Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 3Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN74LVC2G241
SCES210O – APRIL 1999 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ......................................... 9
1
Features .................................................................. 1
8.3
Feature Description................................................... 9
2
Applications ........................................................... 1
8.4
Device Functional Modes.......................................... 9
3
Description ............................................................. 1
9
Application and Implementation ........................ 10
4
Revision History..................................................... 2
9.1
Application Information............................................ 10
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 10
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 11
6.1
Absolute Maximum Ratings ..................................... 4
11
Layout................................................................... 11
6.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 11
6.3
Recommended Operating Conditions ...................... 4
11.2
Layout Example .................................................... 11
6.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 12
6.5
Electrical Characteristics........................................... 5
12.1
Documentation Support ........................................ 12
6.6
Switching Characteristics, TA = –40°C to 85°C ........ 6
12.2
Community Resources.......................................... 12
6.7
Switching Characteristics, TA = –40°C to 125°C ...... 6
12.3
Trademarks ........................................................... 12
6.8
Operating Characteristics.......................................... 7
12.4
Electrostatic Discharge Caution ............................ 12
6.9
Typical Characteristic................................................ 7
12.5
Glossary ................................................................ 12
7
Parameter Measurement Information .................. 8
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 9
Information ........................................................... 12
8.1
Overview ................................................................... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (November 2013) to Revision O
Page
Added Applications section, Device Information table, ESD Ratings table, Thermal Information table, Typical
Characteristics, Feature Description section, Device Functional Modes, Application and Implementation section,
Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision M (February 2007) to Revision N
Page
Updated document to new TI data sheet format. ................................................................................................................... 1
Removed Ordering Information table. .................................................................................................................................... 1
Updated Features. .................................................................................................................................................................. 1
Updated operating temperature range. .................................................................................................................................. 4
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G241


Numéro de pièce similaire - 74LVC2G241DCUTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVC2G241DCUTE4 TI-74LVC2G241DCUTE4 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74LVC2G241DCUTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC2G241 TI1-SN74LVC2G241_17 Datasheet
1,017Kb / 24P
[Old version datasheet]   Dual Buffer and Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241 Datasheet
266Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com