Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH16T245DGGRE4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74LVCH16T245DGGRE4
Description  16-bit Dual-supply Bus Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16T245DGGRE4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button 74LVCH16T245DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVCH16T245DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVCH16T245DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVCH16T245DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVCH16T245DGGRE4 Datasheet HTML 9Page - Texas Instruments 74LVCH16T245DGGRE4 Datasheet HTML 10Page - Texas Instruments 74LVCH16T245DGGRE4 Datasheet HTML 11Page - Texas Instruments 74LVCH16T245DGGRE4 Datasheet HTML 12Page - Texas Instruments 74LVCH16T245DGGRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SN74LVCH16T245
www.ti.com
SCES635B – JULY 2005 – REVISED APRIL 2015
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
(1)(2)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
UNIT
A port
0 V
0 to 5.5 V
±0.5
±2
Ioff
VI or VO = 0 to 5.5 V
μA
B port
0 to 5.5 V
0 V
±0.5
±2
A or B
OE = VIH
1.65 V to 5.5 V
1.65 V to 5.5 V
±2
port
VO = VCCO or GND,
IOZ
μA
B port
VI = VCCI or GND
0 V
5.5 V
±2
OE = don't
care
A port
5.5 V
0 V
±2
1.65 V to 5.5 V
1.65 V to 5.5 V
20
ICCA
VI = VCCI or GND,
IO = 0
5 V
0 V
20
μA
0 V
5 V
–2
1.65 V to 5.5 V
1.65 V to 5.5 V
20
ICCB
VI = VCCI or GND,
IO = 0
5 V
0 V
–2
μA
0 V
5 V
20
ICCA +
1.65 V to 5.5 V
1.65 V to 5.5 V
30
VI = VCCI or GND,
IO = 0
μA
ICCB
DIR at VCCA – 0.6 V,
ΔICCA
DIR
B port = open,
3 V to 5.5 V
3 V to 5.5 V
50
μA
A port at VCCA or GND
Control
Ci
VI = VCCA or GND
3.3 V
3.3 V
4
5
pF
inputs
A or B
Cio
VO = VCCA/B or GND
3.3 V
3.3 V
8.5
10
pF
port
7.6 Switching Characteristics for VCCA = 1.8 V ±0.15 V
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted) (see Figure 3)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
±0.15 V
±0.2 V
±0.3 V
±0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.7
21.9
1.3
9.2
1
7.4
0.4
7.1
ns
tPHL
tPLH
B
A
0.9
23.8
0.8
23.8
0.7
23.4
0.7
23.4
ns
tPHL
tPHZ
OE
A
1.5
29.6
1.5
29.4
1.5
29.3
1.4
29.2
ns
tPLZ
tPHZ
OE
B
2.4
32.2
1.9
13.1
1.7
12
1.3
10.3
ns
tPLZ
tPZH
OE
A
0.4
24
0.4
23.8
0.4
23.7
0.4
23.7
ns
tPZL
tPZH
OE
B
1.8
32
1.5
18
1.2
12.6
0.9
10.8
ns
tPZL
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVCH16T245


Numéro de pièce similaire - 74LVCH16T245DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVCH16T245DGGRE4 TI-74LVCH16T245DGGRE4 Datasheet
365Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH16T245DGGRE4 TI-74LVCH16T245DGGRE4 Datasheet
475Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74LVCH16T245DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com