Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TYN610 Fiches technique(PDF) 3 Page - Kersemi Electronic Co., Ltd.

No de pièce TYN610
Description  SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN610 Fiches technique(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  TYN610 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN610 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN610 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN610 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYN210 ---> TYN1010
3/4
0
10
2030
4050607080
90 100 110 120 130
0
2
4
6
8
10
12
I
(A)
T(AV)
= 180
o
DC
Tcase ( C)
o
Fig. 3: Average on-state current versus case tem-
perature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E +2 5E+2
0.01
0.1
1
Zth/Rth
Zth(j-c)
Zth(j-a)
tp(s)
Fig. 4: Relative variation of thermal impedance
versus pulse duration.
Fig. 5: Relative variation of gate trigger current
versus junction temperature.
Fig. 6: Non repetitive surge peak on-state current
versus number of cycles.
Fig. 7: Non repetitive surge peak on-state current
for a sinusoidal pulse with width: t
≤ 10ms, and cor-
responding value of I
2t.
Fig. 8: On-state characteristics (maximum values).
www.kersemi.com
Information offers:http://www.kkg.com.cn


Numéro de pièce similaire - TYN610

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TYN610 STMICROELECTRONICS-TYN610 Datasheet
229Kb / 4P
   SCR
TYN610 STMICROELECTRONICS-TYN610 Datasheet
58Kb / 4P
   SCR
TYN610 STMICROELECTRONICS-TYN610 Datasheet
63Kb / 6P
   10A SCR
logo
Tiger Electronic Co.,Lt...
TYN610 TGS-TYN610 Datasheet
90Kb / 1P
   Glass passivated thyristors in a plastic envelope
logo
Inchange Semiconductor ...
TYN610 ISC-TYN610 Datasheet
249Kb / 1P
   isc Thyristors
More results

Description similaire - TYN610

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com