Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC16T245 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74AVC16T245
Description  16-Bit Dual-Supply Bus Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC16T245 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74AVC16T245_15 Datasheet HTML 1Page - Texas Instruments SN74AVC16T245_15 Datasheet HTML 2Page - Texas Instruments SN74AVC16T245_15 Datasheet HTML 3Page - Texas Instruments SN74AVC16T245_15 Datasheet HTML 4Page - Texas Instruments SN74AVC16T245_15 Datasheet HTML 5Page - Texas Instruments SN74AVC16T245_15 Datasheet HTML 6Page - Texas Instruments SN74AVC16T245_15 Datasheet HTML 7Page - Texas Instruments SN74AVC16T245_15 Datasheet HTML 8Page - Texas Instruments SN74AVC16T245_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SN74AVC16T245
SCES551E – FEBRUARY 2004 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 13
9.1
Overview ................................................................. 13
2
Applications ........................................................... 1
9.2
Functional Block Diagram ....................................... 13
3
Description ............................................................. 1
9.3
Feature Description................................................. 13
4
Revision History..................................................... 2
9.4
Device Functional Modes........................................ 14
5
Description (continued)......................................... 3
10
Application and Implementation........................ 15
6
Pin Configuration and Functions ......................... 4
10.1
Application Information.......................................... 15
7
Specifications......................................................... 5
10.2
Typical Application ............................................... 16
7.1
Absolute Maximum Ratings ...................................... 5
11
Power Supply Recommendations ..................... 18
7.2
ESD Ratings ............................................................ 5
12
Layout................................................................... 18
7.3
Recommended Operating Conditions ....................... 6
12.1
Layout Guidelines ................................................. 18
7.4
Thermal Information .................................................. 6
12.2
Layout Example .................................................... 19
7.5
Electrical Characteristics........................................... 7
13
Device and Documentation Support ................. 20
7.6
Switching Characteristics: VCCA = 1.2 V ................... 8
13.1
Documentation Support ........................................ 20
7.7
Switching Characteristics: VCCA = 1.5 V ± 0.1 V....... 8
13.2
Community Resources.......................................... 20
7.8
Switching Characteristics: VCCA = 1.8 V ± 0.15 V .... 8
13.3
Trademarks ........................................................... 20
7.9
Switching Characteristics: VCCA = 2.5 V ± 0.2 V....... 9
13.4
Electrostatic Discharge Caution ............................ 20
7.10
Switching Characteristics: VCCA = 3.3 V ± 0.3 V..... 9
13.5
Glossary ................................................................ 20
7.11
Operating Characteristics........................................ 9
14
Mechanical, Packaging, and Orderable
7.12
Typical Characteristics .......................................... 10
Information ........................................................... 20
8
Parameter Measurement Information ................ 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (February 2015) to Revision E
Page
Updated Pin Functions Table. ............................................................................................................................................... 4
Changes from Revision C (August 2005) to Revision D
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVC16T245


Numéro de pièce similaire - SN74AVC16T245_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC16T245_101 TI-SN74AVC16T245_101 Datasheet
565Kb / 23P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI1-SN74AVC16T245_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
More results

Description similaire - SN74AVC16T245_15

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com