Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP2G07 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74AUP2G07
Description  Low-Power Dual Buffer/Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G07 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74AUP2G07_16 Datasheet HTML 2Page - Texas Instruments SN74AUP2G07_16 Datasheet HTML 3Page - Texas Instruments SN74AUP2G07_16 Datasheet HTML 4Page - Texas Instruments SN74AUP2G07_16 Datasheet HTML 5Page - Texas Instruments SN74AUP2G07_16 Datasheet HTML 6Page - Texas Instruments SN74AUP2G07_16 Datasheet HTML 7Page - Texas Instruments SN74AUP2G07_16 Datasheet HTML 8Page - Texas Instruments SN74AUP2G07_16 Datasheet HTML 9Page - Texas Instruments SN74AUP2G07_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
SN74AUP2G07
SCES748D – SEPTEMBER 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN74AUP2G07
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
One input at VCC – 0.6 V, other input at VCC or GND.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = –40°C to 85°C
UNIT
MIN
TYP
MAX
MIN
MAX
VOL
IOL = 20 μA
0.8 V to 3.6 V
0.1
0.1
V
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
IOL = 2.3 mA
2.3 V
0.31
0.33
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
3 V
0.31
0.33
IOL = 4 mA
0.44
0.45
II
A or B input VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
μA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
μA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
μA
ICC
VI = GND or (VCC to 3.6 V),
IO = 0
0.8 V to 3.6 V
0.5
0.9
μA
ΔICC
VI = VCC – 0.6 V
(1), I
O = 0
3.3 V
40
50
μA
Ci
VI = VCC or GND
0 V
1.5
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF


Numéro de pièce similaire - SN74AUP2G07_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G07DCKR TI1-SN74AUP2G07DCKR Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07DRYR TI1-SN74AUP2G07DRYR Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07DSFR TI1-SN74AUP2G07DSFR Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07YFPR TI1-SN74AUP2G07YFPR Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Description similaire - SN74AUP2G07_16

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com