Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G79DBVTG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G79DBVTG4
Description  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79DBVTG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G79DBVTG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G79DBVTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G79DBVTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G79DBVTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G79DBVTG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G79DBVTG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G79DBVTG4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G79DBVTG4 Datasheet HTML 12Page - Texas Instruments SN74AUP1G79DBVTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
SN74AUP1G79
www.ti.com
SCES592H – JULY 2004 – REVISED APRIL 2015
7.9 Switching Characteristics
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
48
30
1.2 V ± 0.1 V
112
120
1.5 V ± 0.1 V
151
160
fmax
MHz
1.8 V ± 0.15 V
194
220
2.5 V ± 0.2 V
248
250
3.3 V ± 0.3 V
280
260
0.8 V
20.3
1.2 V ± 0.1 V
5
8.7
13.6
3.9
15.6
1.5 V ± 0.1 V
4.1
6.3
9.3
3.1
10.7
tpd
CLK
Q
ns
1.8 V ± 0.15 V
3.3
4
7.6
2.4
8.7
2.5 V ± 0.2 V
2.6
3.6
5.5
1.9
6.3
3.3 V ± 0.3 V
2.2
3
4.5
1.6
5
7.10 Switching Characteristics
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
24
20
1.2 V ± 0.1 V
72
80
1.5 V ± 0.1 V
100
100
fmax
MHz
1.8 V ± 0.15 V
127
140
2.5 V ± 0.2 V
185
210
3.3 V ± 0.3 V
266
260
0.8 V
27.2
1.2 V ± 0.1 V
7
11.5
17.3
5.9
24
1.5 V ± 0.1 V
5.7
8.3
11.8
4.6
15.9
tpd
CLK
Q
ns
1.8 V ± 0.15 V
4.7
6.7
9.6
3.8
13
2.5 V ± 0.2 V
3.7
4.9
7
2.9
9
3.3 V ± 0.3 V
3.2
4.1
5.8
2.6
7.2
7.11 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
2.5
1.2 V ± 0.1 V
2.5
1.5 V ± 0.1 V
2.5
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V ± 0.15 V
2.5
2.5 V ± 0.2 V
3
3.3 V ± 0.3 V
3
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74AUP1G79


Numéro de pièce similaire - SN74AUP1G79DBVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G79DBVTG4 TI-SN74AUP1G79DBVTG4 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVTG4 TI-SN74AUP1G79DBVTG4 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVTG4 TI1-SN74AUP1G79DBVTG4 Datasheet
1Mb / 45P
[Old version datasheet]   SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

Description similaire - SN74AUP1G79DBVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com