Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC595N Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHC595N
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC595N Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74AHC595N Datasheet HTML 2Page - Texas Instruments SN74AHC595N Datasheet HTML 3Page - Texas Instruments SN74AHC595N Datasheet HTML 4Page - Texas Instruments SN74AHC595N Datasheet HTML 5Page - Texas Instruments SN74AHC595N Datasheet HTML 6Page - Texas Instruments SN74AHC595N Datasheet HTML 7Page - Texas Instruments SN74AHC595N Datasheet HTML 8Page - Texas Instruments SN74AHC595N Datasheet HTML 9Page - Texas Instruments SN74AHC595N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SN74AHC595
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TA = 25°C
4
TA = –40°C to 85°C
40
ICC
VI = VCC or GND,
IO = 0
5.5 V
µA
TA = –40°C to 125°C
40
Recommended
TA = 25°C
3
10
Ci
VI = VCC or GND
5 V
pF
TA = –40°C TO 85°C
10
CO
VO = VCC or GND,
TA = 25°C
5 V
5.5
pF
6.6 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
25.2
pF
6.7 Timing Requirements: VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA = 25°C
5
SRCLK high or low
TA = –40°C to 85°C
5
TA = –40°C to 125°C Recommended
6
TA = 25°C
5
tW
Pulse duration
RCLK high or low
TA = –40°C to 85°C
5
ns
TA = –40°C to 125°C Recommended
6
TA = 25°C
5
SRCLR low
TA = –40°C to 85°C
5
TA = –40°C to 125°C Recommended
6.5
TA = 25°C
3.5
SER before SRCLK
TA = –40°C to 85°C
3.5
TA = –40°C to 125°C Recommended
4.5
TA = 25°C
8
SRCLK
↑ before RCLK↑(1)
TA = –40°C to 85°C
8.5
TA = –40°C to 125°C Recommended
9.5
tsu
Set-up time
ns
TA = 25°C
8
SRCLR low before RCLK
TA = –40°C to 85°C
9
TA = –40°C to 125°C Recommended
10
TA = 25°C
3
SRCLR high (inactive) before
TA = –40°C to 85°C
3
SRCLK
TA = –40°C to 125°C Recommended
4
TA = 25°C
1.5
th
Hold time
SER after SRCLK
TA = –40°C to 85°C
1.5
ns
TA = –40°C to 125°C Recommended
2.5
(1)
This set-up time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case
the shift register is one clock pulse ahead of the storage register.
6
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC595


Numéro de pièce similaire - SN74AHC595N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC595N TI-SN74AHC595N Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595N TI-SN74AHC595N Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595N TI-SN74AHC595N Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595N TI1-SN74AHC595N Datasheet
754Kb / 32P
[Old version datasheet]   SN74AHC595 8-Bit Shift Registers With 3-State Output Registers
SEPTEMBER 2015
SN74AHC595NE4 TI-SN74AHC595NE4 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Description similaire - SN74AHC595N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54198 TI-SN54198 Datasheet
394Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
   8-bit Shift Registers
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
   8-bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164E AEROFLEX-UT54ACS164E Datasheet
158Kb / 9P
   8-Bit Shift Registers
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
   8-BIT SHIFT REGISTERS
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
   8-Bit Shift Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com