Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC14PW Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
SN74HC14PW Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 30 page VC VOUT 4.5 2.5 t0 + 2 t0 t0 + 52 5.0 4.0 1.5 2.0 1.0 0.5 3.5 3.0 Time 0.0 t0 + 22 t0 + 32 t0 + 42 VT+ Typical Max Delay Time = 1.202 Min Delay Time = 0.422 11 SN54HC14, SN74HC14 www.ti.com SCLS085I – DECEMBER 1982 – REVISED FEBRUARY 2016 Product Folder Links: SN54HC14 SN74HC14 Submit Documentation Feedback Copyright © 1982–2016, Texas Instruments Incorporated Typical Application (continued) 10.2.3 Application Curve Figure 6. Ideal Capacitor Voltage and Output Voltage With Positive Switching Threshold Range Representation. 11 Power Supply Recommendations The power supply can be any voltage between the minimum and maximum supply voltage rating located in the Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single supply, TI recommends a 0.1-µF capacitor. If there are multiple VCC terminals, then TI recommends a 0.01-µF or 0.022-µF capacitor for each power terminal. Multiple bypass capacitors can be paralleled to reject different frequencies of noise. Frequencies of 0.1 μF and 1 μF are commonly used in parallel. The bypass capacitor should be installed as close as possible to the power terminal for best results. |
Numéro de pièce similaire - SN74HC14PW |
|
Description similaire - SN74HC14PW |