Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LV06APWT Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
SN74LV06APWT Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 23 page uC or Logic Basic LED Driver Wired OR uC or Logic Buffer Function LV06A uC or Logic LV06A VPU uC or Logic LV06A VPU 9 SN54LV06A, SN74LV06A www.ti.com SCES336J – MAY 2000 – REVISED JANUARY 2016 Product Folder Links: SN54LV06A SN74LV06A Submit Documentation Feedback Copyright © 2000–2016, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The SN74LV06A is a low drive Open drain CMOS device that can be used for a multitude of buffer type functions. The inputs are 5.5 V tolerant and the outputs open drain and 5.5 V tolerant allowing it to translate up to 5.5 V or down to any other voltage between GND and 5.5 V. 9.2 Typical Application Figure 5. Typical Application Schematic 9.2.1 Design Requirements This device uses CMOS technology and is open drain so it has low output drive only. Care should be taken to avoid bus contention because it can drive currents that would exceed maximum limits. The parallel output drive can create fast edges into light loads so routing and load conditions should be considered to prevent ringing. 9.2.2 Detailed Design Procedure 1. Recommended Input Conditions: – For rise time and fall time specifications, see Δt/ΔV in the Recommended Operating Conditions table. – For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table. – Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC. 2. Recommended Output Conditions: – Load currents should not exceed 35 mA per output and 50 mA total for the part. |
Numéro de pièce similaire - SN74LV06APWT |
|
Description similaire - SN74LV06APWT |