Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC165NSR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HC165NSR
Description  8-Bit Parallel-Load Shift Registers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC165NSR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74HC165NSR Datasheet HTML 3Page - Texas Instruments SN74HC165NSR Datasheet HTML 4Page - Texas Instruments SN74HC165NSR Datasheet HTML 5Page - Texas Instruments SN74HC165NSR Datasheet HTML 6Page - Texas Instruments SN74HC165NSR Datasheet HTML 7Page - Texas Instruments SN74HC165NSR Datasheet HTML 8Page - Texas Instruments SN74HC165NSR Datasheet HTML 9Page - Texas Instruments SN74HC165NSR Datasheet HTML 10Page - Texas Instruments SN74HC165NSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SN54HC165, SN74HC165
www.ti.com
SCLS116H – DECEMBER 1982 – REVISED DECEMBER 2015
6.10 Switching Characteristics, SN74HC165
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 2)
FROM
PARAMETER
TO (OUTPUT)
VCC
TEMPERATURE
MIN
MAX
UNIT
(INPUT)
2 V
TA = –40°C to 85°C
5
TA = –40°C to 125°C
4.2
4.5 V
TA = –40°C to 85°C
25
fmax
MHz
TA = –40°C to 125°C
21
6 V
TA = –40°C to 85°C
29
TA = –40°C to 125°C
25
2 V
TA = –40°C to 85°C
190
TA = –40°C to 125°C
225
4.5 V
TA = –40°C to 85°C
38
SH/LD
QH or QH
TA = –40°C to 125°C
45
6 V
TA = –40°C to 85°C
32
TA = –40°C to 125°C
38
2 V
TA = –40°C to 85°C
190
TA = –40°C to 125°C
225
4.5 V
TA = –40°C to 85°C
38
tpd
CLK
QH or QH
ns
TA = –40°C to 125°C
45
6 V
TA = –40°C to 85°C
32
TA = –40°C to 125°C
38
2 V
TA = –40°C to 85°C
190
TA = –40°C to 125°C
225
4.5 V
TA = –40°C to 85°C
38
H
QH or QH
TA = –40°C to 125°C
45
6 V
TA = –40°C to 85°C
32
TA = –40°C to 125°C
38
2 V
TA = –40°C to 85°C
95
TA = –40°C to 125°C
110
4.5 V
TA = –40°C to 85°C
19
tt
Any
ns
TA = –40°C to 125°C
22
6 V
TA = –40°C to 85°C
16
TA = –40°C to 125°C
19
6.11 Timing Requirements, TA = 25°C
over recommended operating free-air temperature range for both the SN74HC165 and SN54HC165 (unless otherwise noted)
VCC
MIN
MAX
UNIT
2 V
6
fclock
Clock frequency
4.5 V
31
MHz
6 V
36
2 V
80
SH/LD low
4.5 V
16
6 V
14
tw
Pulse duration
ns
2 V
80
CLK high or low
4.5 V
16
6 V
14
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54HC165 SN74HC165


Numéro de pièce similaire - SN74HC165NSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC165NSR TI-SN74HC165NSR Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165NSR TI-SN74HC165NSR Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165NSRE4 TI-SN74HC165NSRE4 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165NSRE4 TI-SN74HC165NSRE4 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165NSRG4 TI-SN74HC165NSRG4 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Description similaire - SN74HC165NSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com