Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LV00ADG4 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74LV00ADG4
Description  Quadruple 2-Input Positive-NAND Gates
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV00ADG4 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74LV00ADG4 Datasheet HTML 1Page - Texas Instruments SN74LV00ADG4 Datasheet HTML 2Page - Texas Instruments SN74LV00ADG4 Datasheet HTML 3Page - Texas Instruments SN74LV00ADG4 Datasheet HTML 4Page - Texas Instruments SN74LV00ADG4 Datasheet HTML 5Page - Texas Instruments SN74LV00ADG4 Datasheet HTML 6Page - Texas Instruments SN74LV00ADG4 Datasheet HTML 7Page - Texas Instruments SN74LV00ADG4 Datasheet HTML 8Page - Texas Instruments SN74LV00ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SN54LV00A, SN74LV00A
www.ti.com
SCLS389K – SEPTEMBER 1997 – REVISED FEBRUARY 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN54LV00A(2)
SN74LV00A
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VCC ×
VCC ×
VCC = 2.3 V to 2.7 V
0.7
0.7
VIH
High-level input voltage
V
VCC ×
VCC ×
VCC = 3 V to 3.6 V
0.7
0.7
VCC ×
VCC ×
VCC = 4.5 V to 5.5 V
0.7
0.7
VCC = 2 V
0.5
0.5
VCC ×
VCC ×
VCC = 2.3 V to 2.7 V
0.3
0.3
VIL
Low-level input voltage
V
VCC ×
VCC ×
VCC = 3 V to 3.6 V
0.3
0.3
VCC ×
VCC ×
VCC = 4.5 V to 5.5 V
0.3
0.3
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
–50
–50
µA
VCC = 2.3 V to 2.7 V
–2
–2
IOH
High-level output current
VCC = 3 V to 3.6 V
–6
–6
mA
VCC = 4.5 V to 5.5 V
–12
–12
VCC = 2 V
50
50
µA
VCC = 2.3 V to 2.7 V
2
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
6
mA
VCC = 4.5 V to 5.5 V
12
12
VCC = 2.3 V to 2.7 V
200
200
Δt/Δv
Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
100
ns/V
VCC = 4.5 V to 5.5 V
20
20
TA
Operating free-air temperature
–40
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
(2)
Product Preview.
7.4 Thermal Information
SNx4LV00A
THERMAL METRIC(1)
D
DB
DGV
NS
PW
RGY
UNIT
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
90.6
107.1
129.0
90.7
122.6
57.5
RθJC(top)
Junction-to-case (top) thermal resistance
50.9
59.6
521
48.3
51.4
70.8
RθJB
Junction-to-board thermal resistance
44.8
54.4
62.0
49.4
64.4
33.6
Junction-to-top characterization
ψJT
14.7
20.5
6.5
14.6
6.7
34
°C/W
parameter
Junction-to-board characterization
ψJB
44.5
53.8
61.3
49.1
63.8
33.7
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
13.9
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54LV00A SN74LV00A


Numéro de pièce similaire - SN74LV00ADG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV00ADG4 TI-SN74LV00ADG4 Datasheet
536Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LV00ADG4 TI-SN74LV00ADG4 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Description similaire - SN74LV00ADG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com