Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC14DRE4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74HC14DRE4
Description  Hex Schmitt-Trigger Inverters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC14DRE4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74HC14DRE4 Datasheet HTML 4Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 5Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 9Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 10Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 11Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
From Output
Under Test
C = 50 pF
(see Note A)
L
LOAD CIRCUIT
Test
Point
VOLTAGE WAVEFORMS
INPUT RISE AND FALL TIMES
Input
90%
90%
50%
50%
10%
10%
tf
tr
0 V
VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
tPLH
tPLH
tPHL
tPHL
Input
In-Phase
Output
Out-of-Phase
Output
90%
90%
90%
50%
10%
10%
10%
50%
50%
50%
50%
tf
tf
tr
90%
10%
50%
tr
VCC
VOL
VOH
VOH
0 V
VOL
8
SN54HC14, SN74HC14
SCLS085I – DECEMBER 1982 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN54HC14 SN74HC14
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 3. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - SN74HC14DRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC14DRE4 TI-SN74HC14DRE4 Datasheet
665Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14DRE4 TI-SN74HC14DRE4 Datasheet
1Mb / 31P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14DRE4 TI-SN74HC14DRE4 Datasheet
1Mb / 33P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Description similaire - SN74HC14DRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com