Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDEDA2330KA0N00 Fiches technique(PDF) 1 Page - Kemet Corporation

No de pièce LDEDA2330KA0N00
Description  Capacitor, film, 0.033 uF, /-10% Tol, General Purpose, 63 VDC@125C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDA2330KA0N00 Fiches technique(HTML) 1 Page - Kemet Corporation

  LDEDA2330KA0N00 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/04/2015 - df5d14ad-d5d9-4425-8af6-6d36700942cd
KEMET Part Number: LDEDA2330KA0N00
(DEDA2330KA0N00)
Capacitor, film, 0.033 uF, +/-10% Tol, General Purpose, 63 VDC@125C
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.3
+0.3/-0.1
W
1.7
+/-0.2
T
1.2
MAX
Packaging Specifications
Package Kind: T&R
Package Size: Standard
Package Quantity: 3000
General Information
Supplier: KEMET
Dielectric: Metallized PEN (Stacked)
Application: General Purpose
Sub Application: AEC-Q200
Style: Surface Mount
Chip Size: 1206 (3216 metric)
RoHS: Yes
Specifications
Capacitance: 0.033 uF
Voltage: 63 VDC
Tolerance: +/-10%
Voltage AC: 40 VAC
Rated Temperature: 125C
Temperature Range: -55/+125C
Dissipation Factor @ 1 kHz: 0.8%
Insulation Resistance: 1 GOhm
Maximum dVdT: 100 v/us
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Numéro de pièce similaire - LDEDA2330KA0N00

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LDEDA2330 ETC1-LDEDA2330 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Description similaire - LDEDA2330KA0N00

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
LDEIC2330KA0N00 KEMET-LDEIC2330KA0N00 Datasheet
94Kb / 1P
   Capacitor, film, 0.033 uF, /-10% Tol, General Purpose, 250 VDC@125C
LDEPE2330KA5N00 KEMET-LDEPE2330KA5N00 Datasheet
94Kb / 1P
   Capacitor, film, 0.033 uF, /-10% Tol, General Purpose, 630 VDC@125C
LDECA2330KA0N00 KEMET-LDECA2330KA0N00 Datasheet
94Kb / 1P
   Capacitor, film, 0.033 uF, /-10% Tol, General Purpose, 50 VDC@125C
LDEEB2330KA0N00 KEMET-LDEEB2330KA0N00 Datasheet
94Kb / 1P
   Capacitor, film, 0.033 uF, /-10% Tol, General Purpose, 100 VDC@125C
LDEDB2680KA0N00 KEMET-LDEDB2680KA0N00 Datasheet
95Kb / 1P
   Capacitor, film, 0.068 uF, /-10% Tol, General Purpose, 63 VDC@125C
LDEDF4330KA0N00 KEMET-LDEDF4330KA0N00 Datasheet
94Kb / 1P
   Capacitor, film, 3.3 uF, /-10% Tol, General Purpose, 63 VDC@125C
SMC5.7-333J50J31-TR12 KEMET-SMC5.7-333J50J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.033 uF, /-5% Tol, General Purpose, 50 VDC@125C
LDEME2680KA5N00 KEMET-LDEME2680KA5N00 Datasheet
95Kb / 1P
   Capacitor, film, 0.068 uF, /-10% Tol, General Purpose, 400 VDC@125C
LDECB3100KA0N00 KEMET-LDECB3100KA0N00 Datasheet
94Kb / 1P
   Capacitor, film, 0.1 uF, /-10% Tol, General Purpose, 50 VDC@125C
LDECD3470KA5N00 KEMET-LDECD3470KA5N00 Datasheet
94Kb / 1P
   Capacitor, film, 0.47 uF, /-10% Tol, General Purpose, 50 VDC@125C
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com