Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPP10N03L Fiches technique(PDF) 1 Page - Infineon Technologies AG

No de pièce IPP10N03L
Description  OptiMOS Buck converter series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP10N03L Fiches technique(HTML) 1 Page - Infineon Technologies AG

  IPP10N03L Datasheet HTML 1Page - Infineon Technologies AG IPP10N03L Datasheet HTML 2Page - Infineon Technologies AG IPP10N03L Datasheet HTML 3Page - Infineon Technologies AG IPP10N03L Datasheet HTML 4Page - Infineon Technologies AG IPP10N03L Datasheet HTML 5Page - Infineon Technologies AG IPP10N03L Datasheet HTML 6Page - Infineon Technologies AG IPP10N03L Datasheet HTML 7Page - Infineon Technologies AG IPP10N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2003-01-17
Page 1
IPP10N03L
IPB10N03L
OptiMOS® Buck converter series
Product Summary
VDS
30
V
RDS(on) max. SMD version
8.9
m
ID
73
A
Feature
• N-Channel
• Logic Level
• Low On-Resistance R
DS(on)
• Excellent Gate Charge x R
DS(on) product (FOM)
Superior thermal resistance
• 175°C operating temperature
• Avalanche rated
• dv/dt rated
• Ideal for fast switching buck converters
P- TO263 -3-2
P- TO220 -3-1
Marking
10N03L
10N03L
Type
Package
Ordering Code
IPP10N03L
P- TO220 -3-1 Q67042-S4040
IPB10N03L
P- TO263 -3-2 Q67040-S4346
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current1)
TC=25°C
ID
73
63
A
Pulsed drain current
TC=25°C
ID puls
292
Avalanche energy, single pulse
ID=30A, VDD=25V, RGS=25Ω
EAS
25
mJ
Repetitive avalanche energy, limited by Tjmax
2)
EAR
10
Reverse diode dv/dt
IS=73A, VDS=24, di/dt=200A/µs, Tjmax=175°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC=25°C
Ptot
107
W
Operating and storage temperature
Tj , Tstg
-55... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56


Numéro de pièce similaire - IPP10N03L

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IPP10N03LB INFINEON-IPP10N03LB Datasheet
338Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP10N03LBG INFINEON-IPP10N03LBG Datasheet
338Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP10N03LBG INFINEON-IPP10N03LBG Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP10N03LBG INFINEON-IPP10N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
More results

Description similaire - IPP10N03L

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IPD20N03L INFINEON-IPD20N03L Datasheet
158Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L Datasheet
156Kb / 8P
   OptiMOS Buck converter series
2003-03-17
IPP04N03L INFINEON-IPP04N03L Datasheet
455Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L_06 Datasheet
198Kb / 8P
   OptiMOS Buck converter series
Rev. 2.3 2006-12-01
IPD09N03L INFINEON-IPD09N03L Datasheet
135Kb / 8P
   OptiMOS Buck converter series
2002-01-17
IPD12N03L INFINEON-IPD12N03L Datasheet
152Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP05N03L INFINEON-IPP05N03L Datasheet
449Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP15N03L INFINEON-IPP15N03L Datasheet
448Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPD14N03L INFINEON-IPD14N03L Datasheet
424Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP07N03L INFINEON-IPP07N03L Datasheet
166Kb / 8P
   OptiMOS Buck converter series
2002-10-17
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com