Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP815PWR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP815PWR
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815PWR Fiches technique(HTML) 4 Page - Texas Instruments

  TMP815PWR Datasheet HTML 1Page - Texas Instruments TMP815PWR Datasheet HTML 2Page - Texas Instruments TMP815PWR Datasheet HTML 3Page - Texas Instruments TMP815PWR Datasheet HTML 4Page - Texas Instruments TMP815PWR Datasheet HTML 5Page - Texas Instruments TMP815PWR Datasheet HTML 6Page - Texas Instruments TMP815PWR Datasheet HTML 7Page - Texas Instruments TMP815PWR Datasheet HTML 8Page - Texas Instruments TMP815PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TMP815
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
18
V
VOUT
Output voltage
OUT1P, OUT1N, OUT2P, OUT2N
18
V
OUT1N, OUT2N
–20
IOUT
Continuous output current
mA
OUT1P, OUT2P
20
VVTH
Input voltage
VTH, RMI
7
V
VRMI
VS-S
Input/output voltage
S-S
7
V
VFG
Output voltage
FG
19
V
IFG
Continuous output current
FG
10
mA
I5VREG Continuous output current
5VREG
–20
mA
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins (2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
TA = 25°C
MIN
MAX
UNIT
VCC
Supply voltage
6
16
V
VVTH
VTH input voltage
0
5
V
VRMI
RMI input voltage
0
5
V
VICM
Hall input common phase input voltage
0.2
3
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
TMP815
THERMAL METRIC (1)
PW (TSSOP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
108
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
94.2
°C/W
RθJB
Junction-to-board thermal resistance
31.5
°C/W
ψJT
Junction-to-top characterization parameter
38.9
°C/W
ψJB
Junction-to-board characterization parameter
1.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
38.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP815


Numéro de pièce similaire - TMP815PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Toshiba Semiconductor
TMP8155 TOSHIBA-TMP8155 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8155P-2 TOSHIBA-TMP8155P-2 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8156P-2 TOSHIBA-TMP8156P-2 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
More results

Description similaire - TMP815PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com