Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP815 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Fiches technique(HTML) 3 Page - Texas Instruments

  TMP815_15 Datasheet HTML 1Page - Texas Instruments TMP815_15 Datasheet HTML 2Page - Texas Instruments TMP815_15 Datasheet HTML 3Page - Texas Instruments TMP815_15 Datasheet HTML 4Page - Texas Instruments TMP815_15 Datasheet HTML 5Page - Texas Instruments TMP815_15 Datasheet HTML 6Page - Texas Instruments TMP815_15 Datasheet HTML 7Page - Texas Instruments TMP815_15 Datasheet HTML 8Page - Texas Instruments TMP815_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OUT2P
OUT2N
V
CC
SENSE
RMI
VTH
CPWM
FG
OUT1P
OUT1N
SGND
5VREG
S-S
CT
IN+
IN–
TMP815
www.ti.com
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OUT2P
1
O
Upper-side driver output
OUT2N
2
O
Lower-side driver output
Power supply
For the power stabilization capacitor on the signal side (see *2 in Figure 5), use the capacitance
of 1
μF or more. Connect VCC and GND with a thick and short pattern.
VCC
3
For the power stabilization capacitor on the power side (see *3 in Figure 5), use the capacitance
of 1
μF or more. Connect the power supply on the power side and GND with a thick and short
pattern.
Current limiting detection (see *8 in Figure 5)
SENSE
4
I
When the pin voltage exceeds 0.2 V, the current is limited, and the operation enters the lower
regeneration mode. Connect to GND if not used.
Minimum speed setting (see *6 in Figure 5)
If the device power supply is likely to be turned off first when the pin is used with external power
RMI
5
I
supply, insert a current limiting resistor to prevent inflow of large current (also applies to VTH
terminal). Connect to 5VREG with a pullup resistor if not used.
Speed control (see *7 in Figure 5)
For control with pulse input, insert a current limiting resistor and use the pin with a frequency of
VTH
6
I
20 kHz to 100 kHz (TI recommends 20 kHz to 50 kHz). For the control method, see Figure 2.
Connect to GND if not used (at full speed).
Connection to capacitor for generation of PWM basic frequency (see *5 in Figure 5)
CP = 220 pF causes oscillation at f = 30 kHz, which is the basic frequency of PWM. As this is
CPWM
7
O
also used for the current limiting canceling signal, be sure to connect the capacitor even when
speed control is not used.
Rotation speed detection pin (see *9 in Figure 5)
FG
8
O
This is an open-collector output, which can detect the rotation speed from the FG output
according to the phase change over. Keep this pin open when not used.
IN–
9
I
Hall input (see *4 in Figure 5)
Hall input. Make connecting traces as short as possible to prevent carrying of noise. To further
limit noise, insert a capacitor between IN+ and IN–. The Hall input circuit is a comparator having
IN+
10
I
a hysteresis of 15 mV. Also includes a soft-switch section with ±30-mV input-signal differential
voltage. TI recommends that the Hall input level is a minimum of 100 mVp-p.
Connection to the lock detection capacitor (see *10 in Figure 5)
The constant current charge and discharge circuits cause locking when the pin voltage rises to
CT
11
O
3 V and unlocking when pin voltage falls to 1.1 V. Connect to GND when not used (when locking
is not necessary).
Connection to the soft-start setting capacitor (see *11 in Figure 5)
S-S
12
I
Connect the capacitor between S-S and 5VREG to set the soft-start time, according to the
capacitance that is chosen (see Figure 3 and Figure 4). Connect to GND when not used.
5VREG
13
O
5-V regulator output
System ground (see *1 in Figure 5)
SGND
14
Connection to the control-circuit power-supply system
OUT1N
15
O
Lower-side driver output
OUT1P
16
O
Upper-side driver output
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP815


Numéro de pièce similaire - TMP815_15

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TMP8155 TOSHIBA-TMP8155 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8155P-2 TOSHIBA-TMP8155P-2 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8156P-2 TOSHIBA-TMP8156P-2 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
More results

Description similaire - TMP815_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com