Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPTIC-47G1H5 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STPTIC-47G1H5
Description  Parascan tunable integrated capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-47G1H5 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STPTIC-47G1H5 Datasheet HTML 2Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 3Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 4Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 5Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 6Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 7Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 8Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 9Page - STMicroelectronics STPTIC-47G1H5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Package information
STPTIC
6/13
DocID023772 Rev 4
Figure 4. Flip Chip dimensions (size for 1p5)
Figure 5. Flip Chip dimensions (size for 2p7, 3p3, 3p9, and 4p7)
Figure 6. Flip Chip dimensions (size for 5p6, 6p8, 8p2)
440 µm
110 µm
110 µm
UBM pads
160 x 100 µm
300 ± 40 µm
660 ± 30 µm
200 ± 20 µm
440 µm
105 µm
105 µm
UBM pads
160 x 100 µm
290 ± 30 µm
650 ± 30 µm
200 ± 20 µm
350 µm
350 µm
360 µm
140 µm
440 µm
105 µm
105 µm
UBM pads
160 x 100 µm
290 ± 30 µm
650 ± 30 µm
200 ± 20 µm


Numéro de pièce similaire - STPTIC-47G1H5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPTIC-47G1H5 STMICROELECTRONICS-STPTIC-47G1H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

Description similaire - STPTIC-47G1H5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com