Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPSC6H065B-TR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STPSC6H065B-TR
Description  650 V power Schottky silicon carbide diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065B-TR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STPSC6H065B-TR Datasheet HTML 2Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 3Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 4Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 5Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 6Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 7Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 8Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 9Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Package information
STPSC6H065
6/14
DocID023247 Rev 6
Table 6. TO-220AC package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151


Numéro de pièce similaire - STPSC6H065B-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
   Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
More results

Description similaire - STPSC6H065B-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021 Rev 2
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
   650 V power Schottky silicon carbide diode
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
   650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 3
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com