Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STH360N4F6-2 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STH360N4F6-2
Description  N-channel 40 V, 180 A STripFET??VI DeepGATE?? Power MOSFET in H짼PAK-2 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH360N4F6-2 Fiches technique(HTML) 3 Page - STMicroelectronics

  STH360N4F6-2 Datasheet HTML 1Page - STMicroelectronics STH360N4F6-2 Datasheet HTML 2Page - STMicroelectronics STH360N4F6-2 Datasheet HTML 3Page - STMicroelectronics STH360N4F6-2 Datasheet HTML 4Page - STMicroelectronics STH360N4F6-2 Datasheet HTML 5Page - STMicroelectronics STH360N4F6-2 Datasheet HTML 6Page - STMicroelectronics STH360N4F6-2 Datasheet HTML 7Page - STMicroelectronics STH360N4F6-2 Datasheet HTML 8Page - STMicroelectronics STH360N4F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STH260N6F6-2
Electrical ratings
Doc ID 023422 Rev 1
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25 °C
180
A
ID
(1)
Drain current (continuous) at TC = 100 °C
180
A
IDM
(1)
Drain current (pulsed)
720
A
PTOT
Total dissipation at TC = 25 °C
300
W
Derating factor
2
W/°C
Tstg
Storage temperature
- 55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.5
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu
Thermal resistance junction-pcb max
35
°C/W


Numéro de pièce similaire - STH360N4F6-2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STH36N60DM6-7AG STMICROELECTRONICS-STH36N60DM6-7AG Datasheet
469Kb / 14P
   Automotive-grade N-channel 600 V, 0.084 Ω typ., 29 A MDmesh™ DM6 Power MOSFET in an H²PAK-7 package
Rev 3 - September 2018
More results

Description similaire - STH360N4F6-2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STH320N4F6-2 STMICROELECTRONICS-STH320N4F6-2 Datasheet
1Mb / 19P
   N-channel 40 V, 1.1 m廓 typ., 200 A, H짼PAK-2, H짼PAK-6 STripFET??VI DeepGATE??Power MOSFET
February 2013 Rev 1
STH400N4F6-2 STMICROELECTRONICS-STH400N4F6-2 Datasheet
794Kb / 18P
   Automotive-grade N-channel 40 V, 0.85 m??typ.,180 A STripFET??VI DeepGATE??Power MOSFETs
February 2014 Rev 2
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STFI260N6F6 STMICROELECTRONICS-STFI260N6F6 Datasheet
658Kb / 12P
   N-channel 60 V, 0.0024 廓, 80 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAKFP package
April 2012 Rev 1
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
   N-channel 30 V, 2.4 m??typ., 80 A, STripFET??VI DeepGATE?? Power MOSFET in D짼PAK package
July 2012 Rev 1
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com