Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ349 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce BUZ349
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ349 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  BUZ349 Datasheet HTML 1Page - Infineon Technologies AG BUZ349 Datasheet HTML 2Page - Infineon Technologies AG BUZ349 Datasheet HTML 3Page - Infineon Technologies AG BUZ349 Datasheet HTML 4Page - Infineon Technologies AG BUZ349 Datasheet HTML 5Page - Infineon Technologies AG BUZ349 Datasheet HTML 6Page - Infineon Technologies AG BUZ349 Datasheet HTML 7Page - Infineon Technologies AG BUZ349 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUZ 349
Data Sheet
3
05.99
Electrical Characteristics,
at Tj = 25˚C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS2 * ID * RDS(on)max, ID = 21 A
gfs
10
17
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
1400
1850
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
450
700
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
230
370
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50
td(on)
-
20
30
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50
tr
-
80
120
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50
td(off)
-
230
300
Fall time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50
tf
-
120
160


Numéro de pièce similaire - BUZ349

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ349 SIEMENS-BUZ349 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ349 ISC-BUZ349 Datasheet
348Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - BUZ349

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com