Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2W10 Fiches technique(PDF) 2 Page - Shunye Enterprise

No de pièce 2W10
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHUNYE [Shunye Enterprise]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

2W10 Fiches technique(HTML) 2 Page - Shunye Enterprise

  2W10 Datasheet HTML 1Page - Shunye Enterprise 2W10 Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25°C
Pulse width = 300µs
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Pulse Width 8.3 ms
Single Half-Sine-Wave
(JEDEC Method)
60
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1mz
j
0.01
0.1
1.0
10
100
200
0
40
80
160
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
2.0
Single phase half-sine-wave
60Hz resistive or inductive load
2W005 – 2W10
www.shunyegroup.com.cn


Numéro de pièce similaire - 2W10

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
2W10 WTE-2W10 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Microdiode Electronics ...
2W10 CHENDA-2W10 Datasheet
590Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Electronic devices inc.
2W10 EDI-2W10 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
logo
First Components Intern...
2W10 FCI-2W10 Datasheet
67Kb / 1P
   2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
logo
Jinan Gude Electronic D...
2W10 JGD-2W10 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
More results

Description similaire - 2W10

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com