Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1042HDQ1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1042HDQ1
Description  Automotive Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042HDQ1 Fiches technique(HTML) 1 Page - Texas Instruments

  TCAN1042HDQ1 Datasheet HTML 1Page - Texas Instruments TCAN1042HDQ1 Datasheet HTML 2Page - Texas Instruments TCAN1042HDQ1 Datasheet HTML 3Page - Texas Instruments TCAN1042HDQ1 Datasheet HTML 4Page - Texas Instruments TCAN1042HDQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042HDQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042HDQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042HDQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042HDQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
6
7
OTP
UVP
Mode
Select
4
8
Logic
Output
TXD
STB
RXD
CANH
CANL
GND
5
NC or VIO
3
VCC
1
2
VCC or VIO
VCC or VIO
Dominant
time-out
VCC or VIO
WUP
Monitor
MUX
Low Power Receiver
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9 – FEBRUARY 2016
TCAN1042-Q1 Automotive Fault Protected CAN Tranceiver with CAN FD
1
1 Features
1
Qualified for Automotive Applications
Meets the Requirements of ISO11898-2 (2016)
'Turbo' CAN:
All devices support 2 Mbps CAN FD (Flexible
Data Rate) and "G" options support 5 Mbps
Short and Symmetrical Propagation Delay
Times and Fast Loop Times for Enhanced
Timing Margin
Higher Data Rates in Loaded CAN Networks
I/O Voltage Range Supports 3.3 V and 5 V MCUs
Ideal Passive Behavior When Unpowered
Bus and Logic Terminals are High Impedance
(no load)
Power Up/Down With Glitch Free Operation
On Bus and RXD Output
Protection Features
HBM ESD Protection Exceeds ±10 kV
IEC ESD Protection Exceeds ±8 kV
Bus Fault Protection: ±58 V and ±70 V
Variants
Undervoltage Protection on VCC and VIO
Supply Terminals
Driver Dominant Time Out (TXD DTO) - Data
rates down to 10kbps
Thermal Shutdown Protection
Characterized for Ambient Temeratures from
–55°C to 125°C
2 Applications
All devices support "Classical CAN" and CAN FD
applications up to 2 Mbps
"G" devices support CAN FD applications up to 5
Mbps Operation
All devices support highly loaded CAN networks
Automotive and Transportation
3 Description
This CAN transceiver family meets the ISO11898-2
(2016) High Speed CAN (Controller Area Network)
physical layer standard. All devices are designed for
use in CAN FD networks up to 2 Mbps (megabits per
second). Devices with part numbers that include the
"G" suffix are designed for data rates up to 5 Mbps,
and versions with the "V" have a secondary power
supply input for I/O level shifting the input pin
thresholds and RXD output level. This family has a
low power standby mode with remote wake request
feature.
Additionally,
all
devices
include
many
protection features to enhance device and CAN-
network robustness.
Device Information
ORDER NUMBER
PACKAGE
BODY SIZE
TCAN1042x-Q1
SOIC (8)
4.90 mm × 3.91 mm
Functional Block Diagram
A.
Terminal 5 function is device dependent;
NC on devices without the "V" suffix, and
VIO for I/O level shifting for devices with the
"V" suffix.
B.
RXD logic output is driven to VCC on
devices without the "V" suffix, and VIO for
devices with the "V" suffix.


Numéro de pièce similaire - TCAN1042HDQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042HDQ1 TI1-TCAN1042HDQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HDQ1 TI1-TCAN1042HDQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Description similaire - TCAN1042HDQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com