Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9539RTWR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9539RTWR
Description  Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9539RTWR Fiches technique(HTML) 3 Page - Texas Instruments

  TCA9539RTWR Datasheet HTML 1Page - Texas Instruments TCA9539RTWR Datasheet HTML 2Page - Texas Instruments TCA9539RTWR Datasheet HTML 3Page - Texas Instruments TCA9539RTWR Datasheet HTML 4Page - Texas Instruments TCA9539RTWR Datasheet HTML 5Page - Texas Instruments TCA9539RTWR Datasheet HTML 6Page - Texas Instruments TCA9539RTWR Datasheet HTML 7Page - Texas Instruments TCA9539RTWR Datasheet HTML 8Page - Texas Instruments TCA9539RTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
A0
P17
P16
P15
P14
P13
24
22
21
20
19
23
7
9
10
11
12
8
P00
P01
P02
P03
P04
P05
1
2
3
4
5
6
18
17
16
15
14
13
Exposed
Center
Pad
INT
A1
RESET
P00
P01
P02
P03
P04
P05
P06
P07
GND
V
CC
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
P10
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
3
TCA9539
www.ti.com
SCPS202B – OCTOBER 2009 – REVISED OCTOBER 2015
Product Folder Links: TCA9539
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
24-Pins TSSOP
Top View
RTW, RGE Package
24-Pins WQFN, VQFN
Top View
Pin Functions
NAME
NO.
I/O
DESCRIPTION
TSSOP
(PW)
QFN
(RTW, RGE)
INT
1
22
O
Interrupt open-drain output. Connect to VCC through a pullup resistor.
A1
2
23
I
Address input. Connect directly to VCC or ground.
RESET
3
24
I
Active-low reset input. Connect to VCC through a pullup resistor if no active
connection is used.
P00
4
1
I/O
P-port input/output. Push-pull design structure. At power on, P00 is
configured as an input.
P01
5
2
I/O
P-port input/output. Push-pull design structure. At power on, P01 is
configured as an input.
P02
6
3
I/O
P-port input/output. Push-pull design structure. At power on, P02 is
configured as an input.
P03
7
4
I/O
P-port input/output. Push-pull design structure. At power on, P03 is
configured as an input.
P04
8
5
I/O
P-port input/output. Push-pull design structure. At power on, P04 is
configured as an input.
P05
9
6
I/O
P-port input/output. Push-pull design structure. At power on, P05 is
configured as an input.
P06
10
7
I/O
P-port input/output. Push-pull design structure. At power on, P06 is
configured as an input.
P07
11
8
I/O
P-port input/output. Push-pull design structure. At power on, P07 is
configured as an input.
GND
12
9
Ground
P10
13
10
I/O
P-port input/output. Push-pull design structure. At power on, P10 is
configured as an input.
P11
14
11
I/O
P-port input/output. Push-pull design structure. At power on, P11 is
configured as an input.
P12
15
12
I/O
P-port input/output. Push-pull design structure. At power on, P12 is
configured as an input.
P13
16
13
I/O
P-port input/output. Push-pull design structure. At power on, P13 is
configured as an input.
P14
17
14
I/O
P-port input/output. Push-pull design structure. At power on, P14 is
configured as an input.


Numéro de pièce similaire - TCA9539RTWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9539RTWR TI-TCA9539RTWR Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9539RTWR TI1-TCA9539RTWR Datasheet
1Mb / 46P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
More results

Description similaire - TCA9539RTWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
TCA9535 TI1-TCA9535_17 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
   Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
logo
Texas Instruments
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com