Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9538DBR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9538DBR
Description  Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9538DBR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TCA9538DBR Datasheet HTML 2Page - Texas Instruments TCA9538DBR Datasheet HTML 3Page - Texas Instruments TCA9538DBR Datasheet HTML 4Page - Texas Instruments TCA9538DBR Datasheet HTML 5Page - Texas Instruments TCA9538DBR Datasheet HTML 6Page - Texas Instruments TCA9538DBR Datasheet HTML 7Page - Texas Instruments TCA9538DBR Datasheet HTML 8Page - Texas Instruments TCA9538DBR Datasheet HTML 9Page - Texas Instruments TCA9538DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TCA9538
SCPS199C – AUGUST 2014 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VI = VCC or GND, IO = 0,
I/O = inputs, fscl = 400 kHz, No load
5.5 V
18
30
tr = 3 ns
5.5 V
34
VI = VCC or GND, IO = 0,
3.6 V
15
I/O = inputs, fscl = 400 kHz, No load
2.7 V
9
tr,max = 300 ns
Operating mode
μA
1.65 V
5
5.5 V
20
ICC
VI = VCC or GND, IO = 0,
3.6 V
8
I/O = inputs, fscl = 100 kHz, No load
2.7 V
5
tr,max = 1 µs
1.65 V
3
5.5 V
1.9
3.5
3.6 V
1.1
1.8
VI = VCC or GND, IO = 0,
Standby mode
μA
I/O = inputs, fscl = 0 kHz, No load
2.7 V
1.0
1.6
1.65 V
0.4
1.0
Additional current in standby
One P-port input at VCC – 0.6 V,
ΔICC
1.65 V to 5.5 V
70
µA
mode
Other P-port inputs at VCC or GND
Ci
SCL
VI = VCC or GND
1.65 V to 5.5 V
4
5
pF
SDA
5.5
6.5
Cio
VIO = VCC or GND
1.65 V to 5.5 V
pF
P port
8
9.5
6.6 I
2C Interface Timing Requirements
over operating free-air temperature range (unless otherwise noted) (see Figure 9)
STANDARD MODE
FAST MODE
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
fscl
0
100
0
400
kHz
I2C clock frequency
tsch
4
0.6
μs
I2C clock high time
tscl
4.7
1.3
μs
I2C clock low time
tsp
50
50
ns
I2C spike time
tsds
250
100
ns
I2C serial-data setup time
tsdh
0
0
ns
I2C serial-data hold time
ticr
1000
20
300
ns
I2C input rise time
ticf
300
20 × (VDD / 5.5 V)
300
ns
I2C input fall time
tocf
10-pF to 400-pF bus
300
20 × (VDD / 5.5 V)
300
ns
I2C output fall time
tbuf
4.7
1.3
μs
I2C bus free time between Stop and Start
tsts
4.7
0.6
μs
I2C Start or repeated Start condition setup
tsth
4
0.6
μs
I2C Start or repeated Start condition hold
tsps
4
0.6
μs
I2C Stop condition setup
tvd(data)
Valid data time
SCL low to SDA output valid
3.45
0.9
μs
ACK signal from SCL low to
tvd(ack)
Valid data time of ACK condition
3.45
0.9
μs
SDA (out) low
Cb
400
400
ns
I2C bus capacitive load
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TCA9538


Numéro de pièce similaire - TCA9538DBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534ADWR TI1-TCA9534ADWR Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results

Description similaire - TCA9538DBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com