Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7563SDGSR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC7563SDGSR
Description  Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7563SDGSR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DAC7563SDGSR Datasheet HTML 4Page - Texas Instruments DAC7563SDGSR Datasheet HTML 5Page - Texas Instruments DAC7563SDGSR Datasheet HTML 6Page - Texas Instruments DAC7563SDGSR Datasheet HTML 7Page - Texas Instruments DAC7563SDGSR Datasheet HTML 8Page - Texas Instruments DAC7563SDGSR Datasheet HTML 9Page - Texas Instruments DAC7563SDGSR Datasheet HTML 10Page - Texas Instruments DAC7563SDGSR Datasheet HTML 11Page - Texas Instruments DAC7563SDGSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER REQUIREMENTS(5)
AVDD = 3.6 V to 5.5 V, normal mode, internal
0.25
0.5
reference off
mA
AVDD = 3.6 V to 5.5 V, normal mode, internal
0.9
1.6
reference on
AVDD = 3.6 V to 5.5 V, power-down modes
(6)
0.55
2
µA
AVDD = 3.6 V to 5.5 V, power-down modes
0.55
4
Power supply current (IDD)
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.2
0.4
reference off
mA
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.73
1.4
reference on
AVDD = 2.7 V to 3.6 V, power-down modes
(6)
0.35
2
µA
AVDD = 2.7 V to 3.6 V, power-down modes
0.35
3
AVDD = 3.6 V to 5.5 V, normal mode, internal
0.9
2.75
reference off
mW
AVDD = 3.6 V to 5.5 V, normal mode, internal
3.2
8.8
reference on
AVDD = 3.6 V to 5.5 V, power-down modes
(6)
2
11
µW
AVDD = 3.6 V to 5.5 V, power-down modes
2
22
Power dissipation
AVDD = 2.7 V to 3.6 V, normal mode, internal
0.54
1.44
reference off
mW
AVDD = 2.7 V to 3.6 V, normal mode, internal
1.97
5
reference on
AVDD = 2.7 V to 3.6 V, power-down modes
(6)
0.95
7.2
µW
AVDD = 2.7 V to 3.6 V, power-down modes
0.95
10.8
(5)
Input code = mid-scale, no load, VINH = AVDD, and VINL = GND
(6)
TA = –40°C to 105°C
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563


Numéro de pièce similaire - DAC7563SDGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7563SDGSR TI1-DAC7563SDGSR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7563SDGSR TI1-DAC7563SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Description similaire - DAC7563SDGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Hotchip Technology Co.,...
HT3582D HOTCHIP-HT3582D Datasheet
911Kb / 6P
   Internal reference source Adjusted idler voltage
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com