Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC34SH84IZAY Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC34SH84IZAY
Description  Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34SH84IZAY Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DAC34SH84IZAY Datasheet HTML 4Page - Texas Instruments DAC34SH84IZAY Datasheet HTML 5Page - Texas Instruments DAC34SH84IZAY Datasheet HTML 6Page - Texas Instruments DAC34SH84IZAY Datasheet HTML 7Page - Texas Instruments DAC34SH84IZAY Datasheet HTML 8Page - Texas Instruments DAC34SH84IZAY Datasheet HTML 9Page - Texas Instruments DAC34SH84IZAY Datasheet HTML 10Page - Texas Instruments DAC34SH84IZAY Datasheet HTML 11Page - Texas Instruments DAC34SH84IZAY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
DAC34SH84
SLAS808E – FEBRUARY 2012 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics – DC Specifications (continued)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE COEFFICIENTS
Offset drift
±1
ppm / °C
With external reference
±15
ppm / °C
Gain drift
With internal reference
±30
ppm / °C
Reference voltage drift
±8
ppm / °C
POWER SUPPLY(3)
AVDD, IOVDD, PLLAVDD
3.14
3.3
3.46
V
DIGVDD
1.25
1.3
1.35
V
CLKVDD, DACVDD
1.3
1.35
1.4
V
IOVDD2
1.71
3.3
3.45
V
PSRR
Power-supply rejection ratio
DC tested
±0.25
%FSR / V
POWER CONSUMPTION
I(AVDD)
Analog supply current(4)
135
165
mA
Mode 1
I(DIGVDD)
Digital supply current
885
950
mA
fDAC = 1.5 GSPS, 2× interpolation,
I(DACVDD)
DAC supply current
45
60
mA
mixer on, QMC on, invsinc on,
I(CLKVDD)
Clock supply current
127
145
mA
PLL enabled, 20-mA FS output, IF = 200 MHz
P
Power dissipation
1828
2056
mW
I(AVDD)
Analog supply current(4)
115
mA
Mode 2
I(DIGVDD)
Digital supply current
770
mA
fDAC = 1.47456 GSPS, 2× interpolation,
I(DACVDD)
DAC supply current
40
mA
mixer on, QMC on, invsinc on,
I(CLKVDD)
Clock supply current
95
mA
PLL disabled, 20-mA FS output, IF = 7.3 MHz
P
Power dissipation
1562
mW
I(AVDD)
Analog supply current(4)
115
mA
Mode 3
I(DIGVDD)
Digital supply current
470
mA
fDAC = 737.28 MSPS, 2x interpolation,
I(DACVDD)
DAC supply current
21
mA
mixer on, QMC on, invsinc off,
I(CLKVDD)
Clock supply current
55
mA
PLL disabled, 20-mA FS output, IF = 7.3 MHz
P
Power dissipation
1093
mW
I(AVDD)
Analog supply current(4)
40
mA
Mode 4
I(DIGVDD)
Digital supply current
710
mA
fDAC = 1.47456 GSPS, 2× interpolation,
I(DACVDD)
DAC supply current
mixer on, QMC on, invsinc on,
50
mA
PLL enabled, IF = 7.3 MHz, channels A/B/C/D
I(CLKVDD)
Clock supply current
90
mA
output sleep
P
Power dissipation
1160
mW
I(AVDD)
Analog supply current(4)
28
mA
Mode 5
I(DIGVDD)
Digital supply current
17
mA
Power-down mode: no clock, DAC on sleep
I(DACVDD)
DAC supply current
mode (clock receiver sleep),
0
mA
channels A/B/C/D output sleep, static data
I(CLKVDD)
Clock supply current
20
mA
pattern
P
Power dissipation
142
mW
I(AVDD)
Analog supply current(4)
130
mA
Mode 6
I(DIGVDD)
Digital supply current
570
mA
fDAC = 1 GSPS, 2x interpolation,
I(DACVDD)
DAC supply current
25
mA
mixer off, QMC off, invsinc off,
I(CLKVDD)
Clock supply current
98
mA
PLL enabled, 20-mA FS output, IF = 7.3 MHz
P
Power dissipation
1336
mA
(3)
To ensure power supply accuracy and to account for power supply filter network loss at operating conditions, the use of the ATEST
function in register config27 to check the internal power supply nodes is recommended.
(4)
Includes AVDD, PLLAVDD, and IOVDD
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DAC34SH84


Numéro de pièce similaire - DAC34SH84IZAY

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC34SH84IZAY TI1-DAC34SH84IZAY Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84IZAYR TI1-DAC34SH84IZAYR Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

Description similaire - DAC34SH84IZAY

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com