Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD46N6F7 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STD46N6F7
Description  N-channel 60 V, 0.012typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD46N6F7 Fiches technique(HTML) 4 Page - STMicroelectronics

  STD46N6F7 Datasheet HTML 1Page - STMicroelectronics STD46N6F7 Datasheet HTML 2Page - STMicroelectronics STD46N6F7 Datasheet HTML 3Page - STMicroelectronics STD46N6F7 Datasheet HTML 4Page - STMicroelectronics STD46N6F7 Datasheet HTML 5Page - STMicroelectronics STD46N6F7 Datasheet HTML 6Page - STMicroelectronics STD46N6F7 Datasheet HTML 7Page - STMicroelectronics STD46N6F7 Datasheet HTML 8Page - STMicroelectronics STD46N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STD46N6F7
4/14
DocID028323 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 1 mA, VGS = 0 V
60
V
IDSS
Zero gate voltage
drain current
VGS = 0 V
VDS = 60 V
1
µA
IGSS
Gate-body leakage
current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID
= 250 μA
2
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 7.5 A
0.012
0.014
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 30 V, f = 1 MHz,
VGS = 0 V
-
1035
-
pF
Coss
Output capacitance
-
450
-
pF
Crss
Reverse transfer capacitance
-
53
-
pF
Qg
Total gate charge
VDD = 30 V, ID = 15 A,
VGS = 10 V (see Figure 14:
"Test circuit for gate charge
behavior")
-
17
-
nC
Qgs
Gate-source charge
-
5.7
-
nC
Qgd
Gate-drain charge
-
5.7
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 30 V, ID = 7.5 A,
RG
= 4.7 Ω, VGS = 10 V (see
Figure 13: "Test circuit for
resistive load switching times")
-
14.5
-
ns
tr
Rise time
-
15.3
-
ns
td(off)
Turn-off delay time
-
19.4
-
ns
tf
Fall time
-
8
-
ns
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD(1)
Forward on voltage
ISD = 15 A, VGS = 0 V
-
1.2
V
trr
Reverse recovery time
ID = 15 A, di/dt = 100 A/µs
VDD = 48 V (see Figure 15:
"Test circuit for inductive load
switching and diode recovery
times")
-
26.8
ns
Qrr
Reverse recovery charge
-
14.2
nC
IRRM
Reverse recovery current
-
1.06
A
Notes:
(1)Pulsed: pulse duration = 300 µs, duty cycle 1.5%


Numéro de pièce similaire - STD46N6F7

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
STD460BLK VCC-STD460BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
More results

Description similaire - STD46N6F7

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
   N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STD47N10F7AG STMICROELECTRONICS-STD47N10F7AG Datasheet
801Kb / 16P
   Automotive-grade N-channel 100 V, 12.5 m廓 typ., 45 A, STripFET??F7 Power MOSFET in a DPAK package
February 2017 Rev 3
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
   P-channel 60 V, 0.025 廓 typ., 35 A STripFET??F6 Power MOSFET in a DPAK package
April 2017 Rev 3
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
   N-channel 60 V, 4.7 m??typ.,100 A STripFET??F7 Power MOSFET in a D짼PAK package
January 2015 Rev 2
STF100N6F7 STMICROELECTRONICS-STF100N6F7 Datasheet
419Kb / 13P
   N-channel 60 V, 4.6 m??typ., 46 A STripFET??F7 Power MOSFET in a TO-220FP package
February 2015 Rev 3
STF150N10F7 STMICROELECTRONICS-STF150N10F7 Datasheet
782Kb / 13P
   N-channel 100 V, 0.0036 廓 typ., 65 A, STripFET??F7 Power MOSFET in a TO-220FP package
August 2014 Rev 2
STP30N10F7 STMICROELECTRONICS-STP30N10F7 Datasheet
1Mb / 13P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a TO-220 package
February 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com