Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD19N3LLH6AG Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STD19N3LLH6AG
Description  High avalanche ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD19N3LLH6AG Fiches technique(HTML) 5 Page - STMicroelectronics

  STD19N3LLH6AG Datasheet HTML 1Page - STMicroelectronics STD19N3LLH6AG Datasheet HTML 2Page - STMicroelectronics STD19N3LLH6AG Datasheet HTML 3Page - STMicroelectronics STD19N3LLH6AG Datasheet HTML 4Page - STMicroelectronics STD19N3LLH6AG Datasheet HTML 5Page - STMicroelectronics STD19N3LLH6AG Datasheet HTML 6Page - STMicroelectronics STD19N3LLH6AG Datasheet HTML 7Page - STMicroelectronics STD19N3LLH6AG Datasheet HTML 8Page - STMicroelectronics STD19N3LLH6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STD19N3LLH6AG
Electrical characteristics
DocID028432 Rev 2
5/15
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
10
A
ISDM(1)
Source-drain current
(pulsed)
-
40
A
VSD(2)
Forward on voltage
VGS = 0 V, ISD = 10 A
-
1.12
V
trr
Reverse recovery time
ISD = 10 A, di/dt = 100 A/µs,
VDD = 24 V (see Figure 15:
"Test circuit for inductive load
switching and diode recovery
times")
-
15.1
ns
Qrr
Reverse recovery
charge
-
7.5
nC
IRRM
Reverse recovery
current
-
1
A
Notes:
(1) Pulse width is limited by safe operating area.
(2) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.


Numéro de pièce similaire - STD19N3LLH6AG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD19NE06 STMICROELECTRONICS-STD19NE06 Datasheet
306Kb / 9P
   N-CHANNEL 60V - 0.042 W - 19A IPAK/DPAK STripFET POWER MOSFET
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
   N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
STD19NF20 STMICROELECTRONICS-STD19NF20 Datasheet
809Kb / 30P
   N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
DS4935 - Rev 7 - August 2018
More results

Description similaire - STD19N3LLH6AG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com