Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC555-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC555-Q1
Description  LinCMOS TIMER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  TLC555-Q1 Datasheet HTML 1Page - Texas Instruments TLC555-Q1 Datasheet HTML 2Page - Texas Instruments TLC555-Q1 Datasheet HTML 3Page - Texas Instruments TLC555-Q1 Datasheet HTML 4Page - Texas Instruments TLC555-Q1 Datasheet HTML 5Page - Texas Instruments TLC555-Q1 Datasheet HTML 6Page - Texas Instruments TLC555-Q1 Datasheet HTML 7Page - Texas Instruments TLC555-Q1 Datasheet HTML 8Page - Texas Instruments TLC555-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TLC555-Q1
SLFS078B – OCTOBER 2006 – REVISED OCTOBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage(2)
18
V
VI
Input voltage
Any input
–0.3
VDD
V
Sink current, discharge or output
150
mA
IO
Source current, output
15
mA
See Dissipation
Continuous total power dissipation
Ratings
TA
Operating free-air temperature
–40
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network GND.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±1000
All pins
±500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC
Corner pins (1, 4, 5, and
Q100-011
±750
8)
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
Supply voltage
2
15
V
TA
Operating free-air temperature
–40
125
°C
7.4 Thermal Information
TLC555-Q1
THERMAL METRIC(1)
D (SOIC)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
113.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58
°C/W
RθJB
Junction-to-board thermal resistance
54.5
°C/W
ψJT
Junction-to-top characterization parameter
11.1
°C/W
ψJB
Junction-to-board characterization parameter
53.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TLC555-Q1


Numéro de pièce similaire - TLC555-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
[Old version datasheet]   LinCMOS??TIMER
TLC555-Q1 TI1-TLC555-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555-Q1 TI-TLC555-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555-Q1 TI1-TLC555-Q1 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
More results

Description similaire - TLC555-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
[Old version datasheet]   LinCMOS??TIMER
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
[Old version datasheet]   LinCMOS??TIMER
TLC555 TI-TLC555_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC352CDRG4 TI1-TLC352CDRG4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com