Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC555-Q1 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC555-Q1
Description  LinCMOS TIMER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555-Q1 Fiches technique(HTML) 2 Page - Texas Instruments

  TLC555-Q1 Datasheet HTML 1Page - Texas Instruments TLC555-Q1 Datasheet HTML 2Page - Texas Instruments TLC555-Q1 Datasheet HTML 3Page - Texas Instruments TLC555-Q1 Datasheet HTML 4Page - Texas Instruments TLC555-Q1 Datasheet HTML 5Page - Texas Instruments TLC555-Q1 Datasheet HTML 6Page - Texas Instruments TLC555-Q1 Datasheet HTML 7Page - Texas Instruments TLC555-Q1 Datasheet HTML 8Page - Texas Instruments TLC555-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TLC555-Q1
SLFS078B – OCTOBER 2006 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................... 8
1
Features .................................................................. 1
8.2
Functional Block Diagram ......................................... 8
2
Applications ........................................................... 1
8.3
Feature Description................................................... 8
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 11
4
Revision History..................................................... 2
9
Application and Implementation ........................ 13
5
Description (continued)......................................... 3
9.1
Application Information............................................ 13
6
Pin Configuration and Functions ......................... 3
9.2
Typical Applications ................................................ 13
7
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 18
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 18
7.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 18
7.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 19
7.4
Thermal Information .................................................. 4
12
Device and Documentation Support ................. 20
7.5
Electrical Characteristics: VDD = 5 V......................... 5
12.1
Community Resource............................................ 20
7.6
Electrical Characteristics: VDD = 15 V....................... 6
12.2
Trademarks ........................................................... 20
7.7
Operating Characteristics.......................................... 6
12.3
Electrostatic Discharge Caution ............................ 20
7.8
Dissipation Ratings ................................................... 7
12.4
Glossary ................................................................ 20
7.9
Typical Characteristics .............................................. 7
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 8
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2012) to Revision B
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Changes from Original (October 2006) to Revision A
Page
Changed next-to-last paragraph in Description and Ordering Information section ................................................................ 1
In the 5-V and 15-V Electrical Characteristics tables, changed all "MAX" entries in the TA column to "Full range" ............. 5
Deleted the last Electrical Characteristics table, which contained only redundant data ........................................................ 6
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TLC555-Q1


Numéro de pièce similaire - TLC555-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
[Old version datasheet]   LinCMOS??TIMER
TLC555-Q1 TI1-TLC555-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555-Q1 TI-TLC555-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555-Q1 TI1-TLC555-Q1 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
More results

Description similaire - TLC555-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
[Old version datasheet]   LinCMOS??TIMER
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
[Old version datasheet]   LinCMOS??TIMER
TLC555 TI-TLC555_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC352CDRG4 TI1-TLC352CDRG4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com