Moteur de recherche de fiches techniques de composants électroniques |
|
CAP1208-2-A4-TR Fiches technique(PDF) 2 Page - Microchip Technology |
|
CAP1208-2-A4-TR Fiches technique(HTML) 2 Page - Microchip Technology |
2 / 67 page Reel size is 4,000 pieces for 16-Pin QFN This product meets the halogen maximum concentration values per IEC61249-2-21 ORDERING NUMBER PACKAGE FEATURES CAP1208-1-A4-TR 16-pin QFN 3mm x 3mm (RoHS compliant) Eight capacitive touch sensor inputs, SMBus interface, SMBus address 0101_000(r/w). CAP1208-2-A4-TR 16-pin QFN 3mm x 3mm (RoHS compliant) Eight capacitive touch sensor inputs, SMBus interface, SMBus address 0101_001(r/w). 8-Channel Capacitive Touch Sensor Datasheet DS00001570B-page 2 2014 Microchip Technology Inc. Ordering Information: |
Numéro de pièce similaire - CAP1208-2-A4-TR |
|
Description similaire - CAP1208-2-A4-TR |