Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS12001ITD1022 Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce TS12001ITD1022
Description  Nanopower Voltage Detector with Dual Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12001ITD1022 Fiches technique(HTML) 2 Page - Silicon Laboratories

  TS12001ITD1022 Datasheet HTML 1Page - Silicon Laboratories TS12001ITD1022 Datasheet HTML 2Page - Silicon Laboratories TS12001ITD1022 Datasheet HTML 3Page - Silicon Laboratories TS12001ITD1022 Datasheet HTML 4Page - Silicon Laboratories TS12001ITD1022 Datasheet HTML 5Page - Silicon Laboratories TS12001ITD1022 Datasheet HTML 6Page - Silicon Laboratories TS12001ITD1022 Datasheet HTML 7Page - Silicon Laboratories TS12001ITD1022 Datasheet HTML 8Page - Silicon Laboratories TS12001ITD1022 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS12001
Page 2
TS12001 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN to VSS) ...................................................+2.75V
Supply Voltage (OVDD to VSS) ................................................+2.75V
Input Voltage
SET………………...…………………...….VSS – 0.3V to VIN + 0.3V
LHDET………………………………….…........VSS - 0.3V to +5.5V
Output Voltage
REFOUT……….…………………...…... VSS – 0.3V to VIN + 0.3V
COUTPP……………..……….........… VSS - 0.3V to OVDD + 0.3V
COUTOD……………………..…..………..… VSS - 0.3V to +5.5V
Output Current
COUTPP, COUTOD………...…………................................20mA
Short-Circuit Duration
(REFOUT, COUTPP, COUTOD)………...………...….Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (Derate at 13.48mW/°C above +70°C) ......... 1078mW
Operating Temperature Range................................. -40°C to +85°C
Junction Temperature……………………………………..……+150°C
Storage Temperature Range.................................. -65°C to +150°C
Lead Temperature (Soldering, 10s)...................................... +300°C
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS12001ITD1022
AAN
Tape
& Reel
-----
TS12001ITD1022T
Tape
& Reel
3000
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.


Numéro de pièce similaire - TS12001ITD1022

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS12001ITD1022T TOUCHSTONE-TS12001ITD1022T Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
TS12001ITD1022TP TOUCHSTONE-TS12001ITD1022TP Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
More results

Description similaire - TS12001ITD1022

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Texas Instruments
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com