Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3004 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce TS3004
Description  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button TS3004 Datasheet HTML 3Page - Silicon Laboratories TS3004 Datasheet HTML 4Page - Silicon Laboratories TS3004 Datasheet HTML 5Page - Silicon Laboratories TS3004 Datasheet HTML 6Page - Silicon Laboratories TS3004 Datasheet HTML 7Page - Silicon Laboratories TS3004 Datasheet HTML 8Page - Silicon Laboratories TS3004 Datasheet HTML 9Page - Silicon Laboratories TS3004 Datasheet HTML 10Page - Silicon Laboratories TS3004 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS3004
TS3004 Rev. 1.0
Page 7
BLOCK DIAGRAM
THEORY OF OPERATION
The TS3004 is a user-programmable oscillator where
the period of the square wave at its FOUT terminal is
generated by an external resistor connected to the
RSET pin. The output period is given by:
tFOUT (s) =
8FDIV2:0 x RSET
1.08E11
Equation 1. FOUT Frequency Calculation where
FDIV2:0 = 0 to 7
RSET (M
Ω)
tFOUT(s)
0.360
6.99
1
19.42
2.49
48.35
4.32
83.89
6.81
132.27
9.76
189.39
12
233
Table 2: tFOUT vs RSET for FDIV2:0 = 111(7)
FDIV
2:0
tFOUT(s)
FOUT (Hz)
ICPWM (A)
000
3.3µ-111.1µs
300k-9k
001
26.4µ-888.88µs
37.5k-1.125k
010
211.2µ-7.11ms
4.69k-140.62
100n
011
1.7ms-56.88ms
586-17.578
100n
100
13.6ms-455.16ms
73.25-2.197
100n
101
108.8ms-3.64
9.16-0.2746
100n
110
870.4ms-29.15
1.14-0.0343
100n
111
6.99-233
0.143-0.00429
100n
Table 1: FOUT and PWMOUT Frequency Range per FDIV2:0 Combination


Numéro de pièce similaire - TS3004

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M015QFNR SEMTECH-TS30041-M015QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

Description similaire - TS3004

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com