Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1107-20ITQ1633 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce TS1107-20ITQ1633
Description  Power Management Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1107-20ITQ1633 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button TS1107-20ITQ1633 Datasheet HTML 2Page - Silicon Laboratories TS1107-20ITQ1633 Datasheet HTML 3Page - Silicon Laboratories TS1107-20ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS1107-20ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS1107-20ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS1107-20ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS1107-20ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS1107-20ITQ1633 Datasheet HTML 9Page - Silicon Laboratories TS1107-20ITQ1633 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2.7 Selecting a Sense Resistor
Selecting the optimal value for the external RSENSE is based on the following criteria and for each commentary follows:
1. RSENSE Voltage Loss
2. VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
3. Total ILOAD Accuracy
4. Circuit Efficiency and Power Dissipation
5. RSENSE Kelvin Connections
2.7.1 RSENSE Voltage Loss
For lowest IR power dissipation in RSENSE, the smallest usable resistor value for RSENSE should be selected.
2.7.2 VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
Although the Current Sense Amplifier draws its power from the voltage at its RS+ and RS– terminals, the signal voltage at the OUT
terminal is provided by a buffer, and is therefore bounded by the buffer’s output range. As shown in the Electrical Characteristics table,
the CSA Buffer has a maximum and minimum output voltage of:
VOUT (max ) = VDD(min) − 0.2V
VOUT (min ) = 0.2V
Therefore, the full-scale sense voltage should be chosen so that the OUT voltage is neither greater nor less than the maximum and
minimum output voltage defined above. To satisfy this requirement, the positive full-scale sense voltage, VSENSE(pos_max), should be
chosen so that:
VSENSE(pos_max) <
VBIAS − VOUT (min )
GAIN
The negative full-scale sense voltage, VSENSE(neg_min), should be chosen so that:
VSENSE(neg_min ) <
VOUT (max ) − VBIAS
GAIN
For best performance, RSENSE should be chosen so that the full-scale VSENSE is less than ±75 mV.
2.7.3 Total Load Current Accuracy
In the TS1107/10’s linear region where VOUT(min) < VOUT < VOUT(max), there are two specifications related to the circuit’s accuracy: a)
the TS1107/10 CSA’s input offset voltage (VOS(max) = 150 μV), b) the TS1107/10 CSA’s gain error (GE(max) = 1%). An expression for
the TS1110’s total error is given by:
VOUT = VBIAS − GAIN × (1 ± GE) × VSENSE ± (GAIN × VOS)
A large value for RSENSE permits the use of smaller load currents to be measured more accurately because the effects of offset voltag-
es are less significant when compared to larger VSENSE voltages. Due care though should be exercised as previously mentioned with
large values of RSENSE.
2.7.4 Circuit Efficiency and Power Dissipation
IR loses in RSENSE can be large especially at high load currents. It is important to select the smallest, usable RSENSE value to minimize
power dissipation and to keep the physical size of RSENSE small. If the external RSENSE is allowed to dissipate significant power, then
its inherent temperature coefficient may alter its design center value, thereby reducing load current measurement accuracy. Precisely
because the TS1107/10 CSA’s input stage was designed to exhibit a very low input offset voltage, small RSENSE values can be used to
reduce power dissipation and minimize local hot spots on the pcb.
TS1107/10 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5


Numéro de pièce similaire - TS1107-20ITQ1633

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Description similaire - TS1107-20ITQ1633

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com