Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1005 Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce TS1005
Description  RAIL-TO-RAIL SINGLE OP AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1005 Fiches technique(HTML) 1 Page - Silicon Laboratories

  TS1005 Datasheet HTML 1Page - Silicon Laboratories TS1005 Datasheet HTML 2Page - Silicon Laboratories TS1005 Datasheet HTML 3Page - Silicon Laboratories TS1005 Datasheet HTML 4Page - Silicon Laboratories TS1005 Datasheet HTML 5Page - Silicon Laboratories TS1005 Datasheet HTML 6Page - Silicon Laboratories TS1005 Datasheet HTML 7Page - Silicon Laboratories TS1005 Datasheet HTML 8Page - Silicon Laboratories TS1005 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS1005
TS1005 Rev. 1.0
Page 1
FEATURES
Single 0.8V to 5.5V Operation
Supply current: 1.3
μA (typ)
Input Bias Current: 2pA (typ)
Low TCVOS: 9µV/°C (typ)
AVOL Driving 100k
Ω Load: 90dB (min)
Gain-Bandwidth Product: 20kHz
Unity Gain Stable
Rail-to-rail Input and Output
No Output Phase Reversal
5-pin SC70 or 5-Pin SOT23 Package
APPLICATIONS
Battery/Solar-Powered Instrumentation
Portable Gas Monitors
Low-voltage Signal Processing
Micropower Active Filters
Wireless Remote Sensors
Battery-powered Industrial Sensors
Active RFID Readers
Powerline or Battery Current Sensing
Handheld/Portable POS Terminals
DESCRIPTION
The TS1005 is a 1.3µA supply current, precision
CMOS operational amplifier designed to operate over
a supply voltage range from 0.8V to 5.5V with a
GBWP of 20kHz. Fully specified at 1.8V, the TS1005
is
optimized
for
ultra-long-life
battery-powered
applications. The TS1005 is the fifth operational
amplifier
in
the
“NanoWatt
Analog™”
high-
performance analog integrated circuits portfolio. The
TS1005 exhibits a typical input bias current of 2pA,
and has rail-to-rail input and output stages.
The TS1005’s combined features make it an excellent
choice in applications where very low supply current
and low operating supply voltage translate into very
long equipment operating time. Applications include:
micropower active filters, wireless remote sensors,
battery and powerline current sensors, portable gas
monitors, and handheld/portable POS terminals.
The TS1005 is fully specified over the industrial
temperature range (
−40°C to +85°C) and is available
in a PCB-space saving 5-lead SC70 and SOT23
packaging.
TYPICAL APPLICATION CIRCUIT
A MicroWatt 2-Pole Sallen Key Low Pass Filter
15%
1.15
1.2
1.25
1.3
1.35
20%
30%
25%
10%
5%
0%
Supply Current Distribution
Supply Current - µA
VDD = 1.8V
A 0.8V TO 5.5V, 1.3µA, 20kHz RAIL-TO-RAIL SINGLE OP AMP


Numéro de pièce similaire - TS1005

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
TS1005DB TOUCHSTONE-TS1005DB Datasheet
381Kb / 5P
   TS1005 Op Amp Demo Board
TS1005DB-SOT TOUCHSTONE-TS1005DB-SOT Datasheet
381Kb / 5P
   TS1005 Op Amp Demo Board
TS1005IJ5T TOUCHSTONE-TS1005IJ5T Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
TS1005IJ5TP TOUCHSTONE-TS1005IJ5TP Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
More results

Description similaire - TS1005

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
   Rail-to-Rail Dual Op Amp
05/14/19
logo
Analog Devices
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com