Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI21662-D60 Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce SI21662-D60
Description  Dual DVB-S/S2/S2X Digital TV Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI21662-D60 Fiches technique(HTML) 2 Page - Silicon Laboratories

  SI21662-D60 Datasheet HTML 1Page - Silicon Laboratories SI21662-D60 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual Digital Demodulators
Copyright © 2015 by Silicon Laboratories
10.14.15
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si21662-D60
Dual DVB-S/S2/S2X Digital TV Demodulator
Selected Electrical Specifications
(TA = –10 to 70 °C).
Parameter
Test Condition
Min
Typ
Max
Unit
General
Input clock reference
4
30
MHz
Supported XTAL frequency
16
30
MHz
Total power consumption for
each demodulator
DVB-S21
421
mW
DVB-S2
230
mW
Thermal resistance (
JA)
4 layer PCB
42
°C/W
Power Supplies
VDD_VCORE
1.14
1.20
1.30
V
VDD_VANA
3.00
3.30
3.60
V
VDD_VIO
3.00
3.30
3.60
V
Notes:
1. Test conditions: 32 Mbaud, CR = 3/5, 8PSK, pilots On, parallel TS, C/N at picture failure.
2. Test conditions: 30 Mbaud, CR = 7/8, parallel TS, at QEF: BER = 2 x 10–4.
Pin Assignments
Selection Guide
Part #
Description
Si21662-D60-GM/R
Dual Digital TV Demodulator for DVB-S/S2/S2X, 8x8 mm QFN-68
Si21662D
(GND_PAD)
QFN-68
8x8mm
66
65
64
63
67
68
3 4 5 6 7 8 9 10 11 12
2
1
13 14
49
50
51
48 47
43
44
45
46
42 41 40 39 38
15 16 17
26
27
28
29
25
20
21
22
23
24
19
18
34
33
30
31
32
35
36
37
TS1_CLK
TS2_CLK
TS1_DATA[0]/TS1_SER
TS2_DATA[0]/TS2_SER
TS1_DATA[1]
TS2_DATA[1]
TS1_DATA[2]
TS2_DATA[2]
TS1_DATA[3]
TS2_DATA[3]
TS1_DATA[4]
TS2_DATA[4]
VDD_CORE
VDD_CORE
GND
VDD_VIO
TS1_DATA[5]
60
59
58
57
61
62
54
53
52
55
56
VDD_CORE
VDD_CORE
GND
SCL_MAST
SDA_MAST
CLK_IN_OUT
NC
NC
NC
NC
S_ADC_QN_B
S_ADC_QP_B
S_ADC_IN_B
S_ADC_IP_B
S_ADC_QN_A
S_ADC_QP_A
S_ADC_IN_A


Numéro de pièce similaire - SI21662-D60

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI21662-B22 SILABS-SI21662-B22 Datasheet
164Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21662-B22 SKYWORKS-SI21662-B22 Datasheet
149Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
August 11, 2021
SI21662-B22-GM/R SKYWORKS-SI21662-B22-GM/R Datasheet
149Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
August 11, 2021
More results

Description similaire - SI21662-D60

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2166-D60 SILABS-SI2166-D60 Datasheet
64Kb / 2P
   DVB-S/S2/S2X Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21672-D60 SKYWORKS-SI21672-D60 Datasheet
602Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI21672-D60 SILABS-SI21672-D60 Datasheet
167Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
SI2167-D60 SILABS-SI2167-D60 Datasheet
160Kb / 2P
   DVB-T/C/S/S2/S2X Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21602-C60 SKYWORKS-SI21602-C60 Datasheet
621Kb / 2P
   Dual DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
SI21692-D60 SKYWORKS-SI21692-D60 Datasheet
616Kb / 2P
   Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2169-D60 SILABS-SI2169-D60 Datasheet
167Kb / 2P
   DVB-T2/T/C/S/S2/S2X Digital TV Demodulator
SI21692-D60 SILABS-SI21692-D60 Datasheet
181Kb / 2P
   Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
SI21602-C60 SILABS-SI21602-C60 Datasheet
168Kb / 2P
   Dual DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
SI21662-B22 SILABS-SI21662-B22 Datasheet
164Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com