Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4712-B30 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI4712-B30
Description  FM RADIO TRANSMITTER WITH RECEIVE POWER SCAN
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4712-B30 Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI4712-B30 Datasheet HTML 1Page - Silicon Laboratories SI4712-B30 Datasheet HTML 2Page - Silicon Laboratories SI4712-B30 Datasheet HTML 3Page - Silicon Laboratories SI4712-B30 Datasheet HTML 4Page - Silicon Laboratories SI4712-B30 Datasheet HTML 5Page - Silicon Laboratories SI4712-B30 Datasheet HTML 6Page - Silicon Laboratories SI4712-B30 Datasheet HTML 7Page - Silicon Laboratories SI4712-B30 Datasheet HTML 8Page - Silicon Laboratories SI4712-B30 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Si4712/13-B30
Rev. 1.1
5
Table 3. DC Characteristics
Test conditions: VRF = 118 dBµV, stereo, f = 68.25 kHz, fpilot = 6.75 kHz, REFCLK = 32.768 kHz, unless otherwise specified.
Production test conditions: VDD = 3.3 V, VIO = 3.3 V, TA = 25 °C, FRF = 98 MHz.
Characterization test conditions: VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C, FRF = 76–108 MHz.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Transmitter from Line Input
TX Supply Current
ITX
18.8
22.8
mA
TX Interface Supply Current
IIO
—320
600
µA
FM Transmitter from Digital Audio Input
TX Supply Current
IDTX
DCLK = 3.072 MHz
18.3
mA
TX Interface Supply Current
IDIO
DCLK = 3.072 MHz
320
µA
FM Transmitter in Receive Power Scan Mode
RX Supply Current
IRX
—16.8—
mA
RX Interface Supply Current
IIO
—320
µA
Supplies and Interface
VDD Powerdown Current
IDD
Powerdown mode
10
20
µA
VIO Interface Powerdown Current
IIO
SCLK, RCLK inactive
Powerdown mode
—3
10
µA
High Level Input Voltage1
VIH
0.7 x VIO
VIO +0.3
V
Low Level Input Voltage1
VIL
–0.3
0.3 x VIO
V
High Level Input Current1
IIH
VIN = VIO =3.6 V
–10
10
µA
Low Level Input Current1
IIL
VIN =0V, VIO =3.6 V
–10
10
µA
High Level Output Voltage2
VOH
IOUT = 500 µA
0.8 x VIO
——
V
Low Level Output Voltage2
VOL
IOUT =–500µA
0.2 x VIO
V
Notes:
1. For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, DIN, GPO1, GPO2/INT, and GPO3.
2. For output pins SDIO, GPO1, GPO2/INT, and GPO3.


Numéro de pièce similaire - SI4712-B30

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4712 SILABS-SI4712 Datasheet
1Mb / 14P
   RECEIVE POWER SCAN PRIMER
SI4712 SILABS-SI4712 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4712 SILABS-SI4712 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4712 SILABS-SI4712 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4712 SILABS-SI4712 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
More results

Description similaire - SI4712-B30

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4712 SILABS-SI4712 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
logo
Silicon Laboratories
AN307 SILABS-AN307 Datasheet
1Mb / 14P
   RECEIVE POWER SCAN PRIMER
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4710-B30 SILABS-SI4710-B30 Datasheet
1Mb / 40P
   Si4710/11-B30 FM RADIO TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com