Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4709-C Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI4709-C
Description  BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4709-C Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI4709-C Datasheet HTML 1Page - Silicon Laboratories SI4709-C Datasheet HTML 2Page - Silicon Laboratories SI4709-C Datasheet HTML 3Page - Silicon Laboratories SI4709-C Datasheet HTML 4Page - Silicon Laboratories SI4709-C Datasheet HTML 5Page - Silicon Laboratories SI4709-C Datasheet HTML 6Page - Silicon Laboratories SI4709-C Datasheet HTML 7Page - Silicon Laboratories SI4709-C Datasheet HTML 8Page - Silicon Laboratories SI4709-C Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Si4708/09-C
4
Rev. 1.2
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Digital Supply Voltage
VD
2.7
5.5
V
Analog Supply Voltage
VA
2.7
5.5
V
Interface Supply Voltage
VIO
1.62
3.6
V
Ambient Temperature
TA
–20
25
85
°C
Digital Power Supply Power-Up Rise Time
VDRISE
10
µs
Analog Power Supply Power-Up Rise Time
VARISE
10
µs
Interface Power Supply Power-Up Rise Time
VIRISE
10
µs
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at
VD = VA = 3.3 V and 25 °C unless otherwise stated. Parameters are tested in production unless
otherwise stated.
Table 2. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
Digital Supply Voltage
VD
–0.5 to 5.8
V
Analog Supply Voltage
VA
–0.5 to 5.8
V
Interface Supply Voltage
VIO
–0.5 to 3.9
V
Input Current3
IIN
±10
mA
Input Voltage3
VIN
–0.3 to (VIO + 0.3)
V
Operating Temperature
TOP
–40 to 95
°C
Storage Temperature
TSTG
–55 to 150
°C
RF Input Level4
0.4
VpK
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure beyond
recommended operating conditions for extended periods may affect device reliability.
2. The Si4708/09 device is a high-performance RF integrated circuit with an ESD rating of < 2 kV HBM. Handling and
assembly of this device should only be done at ESD-protected workstations.
3. For input pins SCLK, SEN, SDIO, RST, RCLK, and GPO.
4. At RF input pins.


Numéro de pièce similaire - SI4709-C

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI4709-C SKYWORKS-SI4709-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
SI4709-C-GM SKYWORKS-SI4709-C-GM Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
More results

Description similaire - SI4709-C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4702-C19 SKYWORKS-SI4702-C19 Datasheet
449Kb / 44P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.8 to Revision 0.9
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com