Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4706-D50 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI4706-D50
Description  HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4706-D50 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI4706-D50 Datasheet HTML 3Page - Silicon Laboratories SI4706-D50 Datasheet HTML 4Page - Silicon Laboratories SI4706-D50 Datasheet HTML 5Page - Silicon Laboratories SI4706-D50 Datasheet HTML 6Page - Silicon Laboratories SI4706-D50 Datasheet HTML 7Page - Silicon Laboratories SI4706-D50 Datasheet HTML 8Page - Silicon Laboratories SI4706-D50 Datasheet HTML 9Page - Silicon Laboratories SI4706-D50 Datasheet HTML 10Page - Silicon Laboratories SI4706-D50 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Si4706-D50
Rev. 1.0
7
Table 5. 2-Wire Control Interface Characteristics1,2,3
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fSCL
0
400
kHz
SCLK Low Time
tLOW
1.3
µs
SCLK High Time
tHIGH
0.6
µs
SCLK Input to SDIO
Setup
(START)
tSU:STA
0.6
µs
SCLK Input to SDIO
Hold
(START)
tHD:STA
0.6
µs
SDIO Input to SCLK
Setup
tSU:DAT
100
ns
SDIO Input to SCLK
Hold 4, 5
tHD:DAT
0
900
ns
SCLK Input to SDIO
Setup
(STOP)
tSU:STO
0.6
µs
STOP to START Time
tBUF
1.3
µs
SDIO Output Fall Time
tf:OUT
250
ns
SDIO Input, SCLK Rise/Fall Time
tf:IN
tr:IN
300
ns
SCLK, SDIO Capacitive Loading
Cb
——
50
pF
Input Filter Pulse Suppression
tSP
50
ns
Notes:
1. When VD = 0 V, SCLK and SDIO are low impedance.
2. When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
3. When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high
until after the first start condition.
4. The Si4706 delays SDIO by a minimum of 300 ns from the VIH threshold of SCLK to comply with the minimum tHD:DAT
specification.
5. The maximum tHD:DAT has only to be met when fSCL = 400 kHz. At frequencies below 400 kHz, tHD:DAT may be violated
as long as all other timing parameters are met.
20
0.1
C
b
1pF
-----------
+
20
0.1
C
b
1pF
-----------
+


Numéro de pièce similaire - SI4706-D50

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
SI4706-D50-GM SKYWORKS-SI4706-D50-GM Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
More results

Description similaire - SI4706-D50

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
logo
Silicon Laboratories
SI4706-C31 SILABS-SI4706-C31 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM RDS/RBDS RECEIVER
SI4706 SILABS-SI4706 Datasheet
1Mb / 3P
   High-Performance FM RDS/RBDS Data Receiver
SI4704-D60 SILABS-SI4704-D60 Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
SI4704-D60-GUR SILABS-SI4704-D60-GUR Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI4622-A10 SILABS-SI4622-A10 Datasheet
46Kb / 2P
   High-Performance, Single-Chip FM HD-Radio/RDS/RBDS
SI4624-A10 SILABS-SI4624-A10 Datasheet
982Kb / 3P
   High-Performance, Single-Chip FM/DAB/DAB/RDS/RBDS
logo
List of Unclassifed Man...
SI4706 ETC2-SI4706 Datasheet
817Kb / 15P
   Introducing High-Performance FM RDS Data Receiver ICs
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com