Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB115S Fiches technique(PDF) 7 Page - SL Power Electronics

No de pièce LB115S
Description  Meets IEC61000-3-2 Class C for less than 1 Watt to full power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SLPOWER [SL Power Electronics]
Site Internet  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB115S Fiches technique(HTML) 7 Page - SL Power Electronics

  LB115S Datasheet HTML 1Page - SL Power Electronics LB115S Datasheet HTML 2Page - SL Power Electronics LB115S Datasheet HTML 3Page - SL Power Electronics LB115S Datasheet HTML 4Page - SL Power Electronics LB115S Datasheet HTML 5Page - SL Power Electronics LB115S Datasheet HTML 6Page - SL Power Electronics LB115S Datasheet HTML 7Page - SL Power Electronics LB115S Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LB115S
115W Single Output
LED Series
www.slpower.com
LB115S 2-OCT-14
7
Ripple & Noise
To verify that the output ripple and noise does not exceed the level specified in the product specification, measured using a scope probe socket with
0.1uF ceramic and a 10uF electrolytic capacitor connected in parallel across it, 20MHz BW.
Output Overload Characteristic
Overvoltage Protection


Numéro de pièce similaire - LB115S

FabricantNo de pièceFiches techniqueDescription
logo
SL Power Electronics
LB115S12K SLPOWER-LB115S12K Datasheet
1Mb / 8P
   115W Single Output
LB115S24K SLPOWER-LB115S24K Datasheet
1Mb / 8P
   115W Single Output
LB115S48K SLPOWER-LB115S48K Datasheet
1Mb / 8P
   115W Single Output
LB115S56K SLPOWER-LB115S56K Datasheet
1Mb / 8P
   115W Single Output
More results

Description similaire - LB115S

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRAC1155-300W IRF-IRAC1155-300W Datasheet
454Kb / 16P
   IEC61000-3-2 Class D Standards Compliant
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
   Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
   Less than 75mW Standby Power
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
   Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
   Less than 75mW Standby Power
logo
Murata Manufacturing Co...
NTPA78R0LB1A0 MURATA-NTPA78R0LB1A0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA68R0LBMB0 MURATA-NTPA68R0LBMB0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100w
NTPA94R0LBMB0 MURATA-NTPA94R0LBMB0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA98R0LB1A0 MURATA-NTPA98R0LB1A0 Datasheet
198Kb / 3P
   most suitable for power supplies of less than 100W
NTPAA2R2LD6A0 MURATA-NTPAA2R2LD6A0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100W
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com